Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4370 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 79Page - NXP Semiconductors LPC4370 Datasheet HTML 80Page - NXP Semiconductors LPC4370 Datasheet HTML 81Page - NXP Semiconductors LPC4370 Datasheet HTML 82Page - NXP Semiconductors LPC4370 Datasheet HTML 83Page - NXP Semiconductors LPC4370 Datasheet HTML 84Page - NXP Semiconductors LPC4370 Datasheet HTML 85Page - NXP Semiconductors LPC4370 Datasheet HTML 86Page - NXP Semiconductors LPC4370 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
83 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
7.23.9.2
Power Management Controller (PMC)
The PMC controls the power to the cores, peripherals, and memories.
The LPC4370 support the following power modes in order from highest to lowest power
consumption:
1. Active mode
2. Sleep mode
3. Power-down modes:
a. Deep-sleep mode
b. Power-down mode
c. Deep power-down mode
Active mode and sleep mode apply to the state of the core. In a multi-core system, any
core can be in active or sleep mode independently of the other core.
If the core is in Active mode, it is fully operational and can access peripherals and
memories as configured by software. If the core is in Sleep mode, it receives no clocks,
but peripherals and memories can remain running.
Any core can enter sleep mode from active mode independently of the other cores and
while the other cores remain in active mode or are in sleep mode.
Power-down modes apply to the entire system. In the Power-down modes, all cores and
all peripherals except for peripherals in the always-on power domain are shut down.
Memories can remain powered for retaining memory contents as defined by the individual
power-down mode.
Any core in active mode can put the part into one of the three power down modes if the
core is enabled to do so. If both the M4 core and the two M0 cores are enabled for
power-down, then the system enters power-down only once all three cores have received
a WFI or WFE instruction.
Wake-up from sleep mode is caused by an interrupt or event in the core’s NVIC. An
interrupt is captured in the NVIC and an event is captured in the Event router. Both cores
can wake up from sleep mode independently of each other.
Table 6.
Memory retention
Mode
128 kB local
SRAM
starting at
0x1000 0000
64 kB Local
SRAM starting
at
0x1008 0000
8 kB local SRAM
starting at
0x1009 0000
16 + 2 kB M0
subsystem
SRAM starting at
location
0x1800 0000
64 kB AHB
SRAM
starting at
0x2000 0000
256 byte
backup
registers at
0x4004 1000
(RTC power
domain)
Sleep mode
yes
yes
yes
yes
yes
yes
Deep-sleep mode
yes
yes
yes
yes
yes
yes
Power-down mode no
no
yes
no
no
yes
Power-down mode
with M0SUB
SRAM maintained
no
no
yes
yes
no
yes
Deep power-down
mode
no
no
no
no
no
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com