Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4370 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 63Page - NXP Semiconductors LPC4370 Datasheet HTML 64Page - NXP Semiconductors LPC4370 Datasheet HTML 65Page - NXP Semiconductors LPC4370 Datasheet HTML 66Page - NXP Semiconductors LPC4370 Datasheet HTML 67Page - NXP Semiconductors LPC4370 Datasheet HTML 68Page - NXP Semiconductors LPC4370 Datasheet HTML 69Page - NXP Semiconductors LPC4370 Datasheet HTML 70Page - NXP Semiconductors LPC4370 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
67 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
In the two-counter case, the following operational elements are global to the SCT, but the
last three can use match conditions from either counter:
• Clock selection
• Inputs
• Events
• Outputs
• Interrupts
7.17.1.1
Features
• Two 16-bit counters or one 32-bit counter.
• Counter(s) clocked by bus clock or selected input.
• Up counter(s) or up-down counter(s).
• State variable allows sequencing across multiple counter cycles.
• Event combines input or output condition and/or counter match in a specified state.
• Events control outputs and interrupts.
• Selected event(s) can limit, halt, start, or stop a counter.
• Supports:
– 8 inputs (one input connected internally)
– 16 outputs
– 16 match/capture registers
– 16 events
– 32 states
7.17.2 Serial GPIO (SGPIO)
The Serial GPIOs offer standard GPIO functionality enhanced with features to accelerate
serial stream processing.
7.17.2.1
Features
• Each SGPIO input/output slice can be used to perform a serial to parallel or parallel to
serial data conversion.
• 16 SGPIO input/output slices each with a 32-bit FIFO that can shift the input value
from a pin or an output value to a pin with every cycle of a shift clock.
• Each slice is double-buffered.
• Interrupt is generated on a full FIFO, shift clock, or pattern match.
• Slices can be concatenated to increase buffer size.
• Each slice has a 32-bit pattern match filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com