Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMV3 Datasheet(PDF) 30 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 30 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 26Page - Microsemi Corporation VMV3 Datasheet HTML 27Page - Microsemi Corporation VMV3 Datasheet HTML 28Page - Microsemi Corporation VMV3 Datasheet HTML 29Page - Microsemi Corporation VMV3 Datasheet HTML 30Page - Microsemi Corporation VMV3 Datasheet HTML 31Page - Microsemi Corporation VMV3 Datasheet HTML 32Page - Microsemi Corporation VMV3 Datasheet HTML 33Page - Microsemi Corporation VMV3 Datasheet HTML 34Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-16
Revision 3
Table 2-20 • Different Components Contributing to Dynamic Power Consumption in Military ProASIC3 and
ProASIC3/EL Devices at 1.5 V VCC
Parameter
Definition
Device-Specific Dynamic Power (µW/MHz)
A3PE3000L A3PE600L
A3P1000
A3P250
PAC1
Clock contribution of a Global Rib
13.03
6.24
14.50
11.00
PAC2
Clock contribution of a Global Spine
6.69
3.47
2.48
1.58
PAC3
Clock contribution of a VersaTile row
1.46
1.46
0.81
0.81
PAC4
Clock contribution of a VersaTile used as a
sequential module
0.13
0.13
0.12
0.12
PAC5
First contribution of a VersaTile used as a
sequential module
0.07
PAC6
Second contribution of a VersaTile used as a
sequential module
0.29
PAC7
Contribution
of
a
VersaTile
used
as
a
combinatorial Module
0.29
PAC8
Average contribution of a routing net
0.70
PAC9
Contribution of an I/O input pin (standard-
dependent)
See Table 2-13 on page 2-11 through Table 2-15 on
page 2-12.
PAC10
Contribution of an I/O output pin (standard-
dependent)
See Table 2-16 on page 2-13 through Table 2-18 on
page 2-14.
PAC11
Average contribution of a RAM block during a
read operation
25.00
PAC12
Average contribution of a RAM block during a
write operation
30.00
PAC13
Dynamic contribution for PLL
2.60
Table 2-21 • Different Components Contributing to the Static Power Consumption in Military ProASIC3/EL
Devices
Parameter
Definition
Device-Specific Dynamic Power (µW)
A3PE3000L
A3PE600L
A3P1000
A3P250
PDC0
Array static power in Sleep mode
0 mW
0 mW
N/A
N/A
PDC1
Array static power in Active mode
See Table 2-11 on page 2-10.
PDC2
Array static power in Static (Idle) mode
See Table 2-11 on page 2-10.
PDC3
Array static power in Flash*Freeze mode
See Table 2-8 on page 2-9.
PDC4
Static PLL contribution at 1.2 V operating core
voltage (for A3PE600L and A3PE3000L only)
1.42 mW
N/A
Static PLL contribution 1.5 V operating core
voltage
2.55 mW
PDC5
Bank quiescent power (VCCI-dependent)
See Table 2-8 on page 2-9, Table 2-9 on page 2-9,
Table 2-11 on page 2-10.
PDC6
I/O input pin static power (standard-dependent)
See Table 2-13 on page 2-11. through Table 2-15 on
page 2-12.
PDC7
I/O output pin static power (standard-dependent)
See Table 2-16 on page 2-13 through Table 2-18 on
page 2-14.
Note:
For a different output load, drive strength, or slew rate, Microsemi recommends using the Microsemi
power spreadsheet calculator or SmartPower tool in Libero® Integrated Design Environment (IDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com