Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMV3 Datasheet(PDF) 68 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 68 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 64Page - Microsemi Corporation VMV3 Datasheet HTML 65Page - Microsemi Corporation VMV3 Datasheet HTML 66Page - Microsemi Corporation VMV3 Datasheet HTML 67Page - Microsemi Corporation VMV3 Datasheet HTML 68Page - Microsemi Corporation VMV3 Datasheet HTML 69Page - Microsemi Corporation VMV3 Datasheet HTML 70Page - Microsemi Corporation VMV3 Datasheet HTML 71Page - Microsemi Corporation VMV3 Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-54
Revision 3
1.5 V DC Core Voltage
Table 2-75 • 2.5 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.61
6.73 0.04 1.75 2.26
0.40
6.83 5.71 2.54 1.99
8.30
7.18
ns
–1
0.52
5.73 0.03 1.49 1.93
0.34
5.81 4.86 2.16 1.69
7.06
6.10
ns
8 mA
Std.
0.61
5.48 0.04 1.75 2.26
0.40
5.56 4.82 2.92 2.71
7.02
6.29
ns
–1
0.52
4.66 0.03 1.49 1.93
0.34
4.73 4.10 2.48 2.30
5.98
5.35
ns
12 mA
Std.
0.61
4.59 0.04 1.75 2.26
0.40
4.65 4.18 3.18 3.18
6.12
5.65
ns
–1
0.52
3.91 0.03 1.49 1.93
0.34
3.96 3.56 2.71 2.70
5.20
4.80
ns
16 mA
Std.
0.61
4.32 0.04 1.75 2.26
0.40
4.38 4.04 3.24 3.31
5.84
5.51
ns
–1
0.52
3.68 0.03 1.49 1.93
0.34
3.72 3.44 2.75 2.81
4.97
4.69
ns
24 mA
Std.
0.61
4.20 0.04 1.75 2.26
0.40
4.26 4.06 3.31 3.76
5.72
5.52
ns
–1
0.52
3.58 0.03 1.49 1.93
0.34
3.62 3.45 2.82 3.20
4.87
4.70
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-76 • 2.5 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.61
3.37 0.04 1.75 2.26
0.40
3.41 3.01 2.54 2.08
4.87
4.48
ns
–1
0.52
2.87 0.03 1.49 1.93
0.34
2.90 2.56 2.16 1.77
4.14
3.81
ns
8 mA
Std.
0.61
2.74 0.04 1.75 2.26
0.40
2.76 2.29 2.92 2.82
4.23
3.75
ns
–1
0.52
2.33 0.03 1.49 1.93
0.34
2.35 1.95 2.48 2.40
3.60
3.19
ns
12 mA
Std.
0.61
2.36 0.04 1.75 2.26
0.40
2.38 1.93 3.18 3.27
3.84
3.40
ns
–1
0.52
2.01 0.03 1.49 1.93
0.34
2.02 1.65 2.71 2.78
3.27
2.89
ns
16 mA
Std.
0.61
2.29 0.04 1.75 2.26
0.40
2.31 1.87 3.24 3.40
3.77
3.33
ns
–1
0.52
1.95 0.03 1.49 1.93
0.34
1.96 1.59 2.75 2.89
3.21
2.84
ns
24 mA
Std.
0.61
2.31 0.04 1.75 2.26
0.40
2.32 1.78 3.31 3.89
3.79
3.25
ns
–1
0.52
1.96 0.03 1.49 1.93
0.34
1.98 1.52 2.82 3.31
3.22
2.76
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com