Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMV3 Datasheet(PDF) 55 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 55 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 51Page - Microsemi Corporation VMV3 Datasheet HTML 52Page - Microsemi Corporation VMV3 Datasheet HTML 53Page - Microsemi Corporation VMV3 Datasheet HTML 54Page - Microsemi Corporation VMV3 Datasheet HTML 55Page - Microsemi Corporation VMV3 Datasheet HTML 56Page - Microsemi Corporation VMV3 Datasheet HTML 57Page - Microsemi Corporation VMV3 Datasheet HTML 58Page - Microsemi Corporation VMV3 Datasheet HTML 59Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-41
Timing Characteristics
1.2 V DC Core Voltage
Table 2-49 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.80
6.04 0.05 1.75 2.38
0.52
6.14 4.84 2.68 2.43
8.35
7.05
ns
–1
0.68
5.13 0.05 1.49 2.03
0.44
5.22 4.12 2.28 2.07
7.10
6.00
ns
8 mA
Std.
0.80
4.93 0.05 1.75 2.38
0.52
5.02 4.14 3.02 3.05
7.22
6.34
ns
–1
0.68
4.20 0.05 1.49 2.03
0.44
4.27 3.52 2.57 2.59
6.14
5.40
ns
12 mA
Std.
0.80
4.15 0.05 1.75 2.38
0.52
4.22 3.61 3.25 3.43
6.43
5.81
ns
–1
0.68
3.53 0.05 1.49 2.03
0.44
3.59 3.07 2.76 2.92
5.47
4.95
ns
16 mA
Std.
0.80
3.93 0.05 1.75 2.38
0.52
3.99 3.49 3.29 3.54
6.20
5.70
ns
–1
0.68
3.34 0.05 1.49 2.03
0.44
3.40 2.97 2.80 3.01
5.27
4.85
ns
24 mA
Std.
0.80
3.81 0.05 1.75 2.38
0.52
3.87 3.51 3.36 3.94
6.08
5.71
ns
–1
0.68
3.24 0.05 1.49 2.03
0.44
3.30 2.98 2.86 3.35
5.17
4.86
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-50 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.80
3.40 0.05 1.75 2.38
0.52
3.45 2.60 2.68 2.58
5.66
4.81
ns
–1
0.68
2.89 0.05 1.49 2.03
0.44
2.94 2.21 2.28 2.19
4.81
4.09
ns
8 mA
Std.
0.80
2.79 0.05 1.75 2.38
0.52
2.84 2.08 3.02 3.19
5.04
4.29
ns
–1
0.68
2.38 0.05 1.49 2.03
0.44
2.41 1.77 2.57 2.72
4.29
3.65
ns
12 mA
Std.
0.80
2.45 0.05 1.75 2.38
0.52
2.49 1.83 3.25 3.59
4.70
4.04
ns
–1
0.68
2.09 0.05 1.49 2.03
0.44
2.12 1.56 2.76 3.06
3.99
3.43
ns
16 mA
Std.
0.80
2.40 0.05 1.75 2.38
0.52
2.43 1.79 3.30 3.70
4.64
3.99
ns
–1
0.68
2.04 0.05 1.49 2.03
0.44
2.07 1.52 2.81 3.15
3.95
3.40
ns
24 mA
Std.
0.80
2.42 0.05 1.75 2.38
0.52
2.46 1.72 3.37 4.10
4.66
3.93
ns
–1
0.68
2.06 0.05 1.49 2.03
0.44
2.09 1.47 2.86 3.49
3.97
3.34
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com