Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMV3 Datasheet(PDF) 57 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 57 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 53Page - Microsemi Corporation VMV3 Datasheet HTML 54Page - Microsemi Corporation VMV3 Datasheet HTML 55Page - Microsemi Corporation VMV3 Datasheet HTML 56Page - Microsemi Corporation VMV3 Datasheet HTML 57Page - Microsemi Corporation VMV3 Datasheet HTML 58Page - Microsemi Corporation VMV3 Datasheet HTML 59Page - Microsemi Corporation VMV3 Datasheet HTML 60Page - Microsemi Corporation VMV3 Datasheet HTML 61Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-43
Table 2-53 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.63
6.25
0.05
1.12
0.45
6.37
5.29
2.91
2.70
8.83
7.75
ns
–1
0.54
5.32
0.04
0.95
0.39
5.42
4.50
2.47
2.30
7.51
6.59
ns
6 mA
Std.
0.63
5.25
0.05
1.12
0.45
5.35
4.58
3.28
3.34
7.81
7.04
ns
–1
0.54
4.47
0.04
0.95
0.39
4.55
3.90
2.79
2.85
6.65
5.99
ns
8 mA
Std.
0.63
5.25
0.05
1.12
0.45
5.35
4.58
3.28
3.34
7.81
7.04
ns
–1
0.54
4.47
0.04
0.95
0.39
4.55
3.90
2.79
2.85
6.65
5.99
ns
12 mA
Std.
0.63
4.50
0.05
1.12
0.45
4.59
4.05
3.53
3.76
7.05
6.51
ns
–1
0.54
3.83
0.04
0.95
0.39
3.90
3.45
3.00
3.20
5.99
5.54
ns
16 mA
Std.
0.63
4.27
0.05
1.12
0.45
4.35
3.93
3.58
3.86
6.81
6.39
ns
–1
0.54
3.63
0.04
0.95
0.39
3.70
3.34
3.05
3.29
5.79
5.43
ns
24 mA
Std.
0.63
4.14
0.05
1.12
0.45
4.22
3.97
3.65
4.27
6.68
6.43
ns
–1
0.54
3.53
0.04
0.95
0.39
3.59
3.38
3.10
3.63
5.68
5.47
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.
Table 2-54 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.63
3.55
0.05
1.12
0.45
3.62
2.79
2.91
2.87
6.07
5.25
ns
–1
0.54
3.02
0.04
0.95
0.39
3.08
2.37
2.48
2.44
5.17
4.46
ns
6 mA
Std.
0.63
2.95
0.05
1.12
0.45
3.00
2.25
3.28
3.52
5.46
4.71
ns
–1
0.54
2.51
0.04
0.95
0.39
2.55
1.91
2.79
3.00
4.65
4.01
ns
8 mA
Std.
0.63
2.95
0.05
1.12
0.45
3.00
2.25
3.28
3.52
5.46
4.71
ns
–1
0.54
2.51
0.04
0.95
0.39
2.55
1.91
2.79
3.00
4.65
4.01
ns
12 mA
Std.
0.63
2.64
0.05
1.12
0.45
2.68
1.99
3.53
3.94
5.14
4.45
ns
–-1
0.54
2.24
0.04
0.95
0.39
2.28
1.70
3.00
3.35
4.38
3.79
ns
16 mA
Std.
0.63
2.58
0.05
1.12
0.45
2.63
1.95
3.59
4.05
5.09
4.41
ns
–-1
0.54
2.20
0.04
0.95
0.39
2.24
1.66
3.05
3.44
4.33
3.75
ns
24 mA
Std.
0.63
2.61
0.05
1.12
0.45
2.66
1.89
3.66
4.46
5.12
4.35
ns
–1
0.54
2.22
0.04
0.95
0.39
2.26
1.61
3.11
3.80
4.35
3.70
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com