Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMV3 Datasheet(PDF) 100 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 100 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 96Page - Microsemi Corporation VMV3 Datasheet HTML 97Page - Microsemi Corporation VMV3 Datasheet HTML 98Page - Microsemi Corporation VMV3 Datasheet HTML 99Page - Microsemi Corporation VMV3 Datasheet HTML 100Page - Microsemi Corporation VMV3 Datasheet HTML 101Page - Microsemi Corporation VMV3 Datasheet HTML 102Page - Microsemi Corporation VMV3 Datasheet HTML 103Page - Microsemi Corporation VMV3 Datasheet HTML 104Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-86
Revision 3
SSTL3 Class II
Stub-Speed Terminated Logic for 3.3 V memory bus standard (JESD8-8). Military ProASIC3E devices
support Class II. This provides a differential amplifier input buffer and a push-pull output buffer.
Timing Characteristics
Table 2-155 • Minimum and Maximum DC Input and Output Levels
SSTL3 Class II
VIL
VIH
VOL
VOH
IOL IOH IOSL
IOSH
IIL IIH
Drive
Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA1
Max.
mA1 µA2 µA2
21 mA
–0.3
VREF – 0.2 VREF + 0.2
3.6
0.5
VCCI – 0.9
21 21
103
109
15 15
Notes:
1. Currents are measured at 100°C junction temperature and maximum voltage.
2. Currents are measured at 125°C junction temperature.
Figure 2-25 • AC Loading
Table 2-156 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring
Point* (V)
VREF (typ.) (V)
VTT (typ.) (V)
CLOAD (pF)
VREF – 0.2
VREF + 0.2
1.5
1.5
1.485
30
Note:
*Measuring point = Vtrip. See Table 2-28 on page 2-27 for a complete table of trip points.
Test Point
30 pF
25
25
SSTL3
Class II
VTT
Table 2-157 • SSTL3 Class II
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V,
Worst-Case VCCI = 3.0 V, VREF = 1.5 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
Std.
0.80
2.05
0.05
2.00
0.52
2.08
1.65
–
–
2.08
1.65
ns
–1
0.68
1.75
0.05
1.71
0.44
1.77
1.41
–
–
1.77
1.41
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-158 • SSTL3 Class II
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V,
Worst-Case VCCI = 3.0 V, VREF = 1.5 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
Std.
0.61
1.91
0.04
1.77
0.40
1.92
1.54
–
–
1.92
1.54
ns
–1
0.52
1.63
0.03
1.51
0.34
1.64
1.31
–
–
1.64
1.31
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com