Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMV3 Datasheet(PDF) 16 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 12Page - Microsemi Corporation VMV3 Datasheet HTML 13Page - Microsemi Corporation VMV3 Datasheet HTML 14Page - Microsemi Corporation VMV3 Datasheet HTML 15Page - Microsemi Corporation VMV3 Datasheet HTML 16Page - Microsemi Corporation VMV3 Datasheet HTML 17Page - Microsemi Corporation VMV3 Datasheet HTML 18Page - Microsemi Corporation VMV3 Datasheet HTML 19Page - Microsemi Corporation VMV3 Datasheet HTML 20Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-2
Revision 3
Table 2-2 •
Recommended Operating Conditions 1
Symbol
Parameter
Military
Units
TA
Ambient temperature
–55 to 125
°C
TJ
Junction temperature
–55 to 125
°C
VCC
1.5 V DC core supply voltage2
1.425 to 1.575
V
1.2 V – 1.5 V wide range DC core
supply voltage 3
1.14 to 1.575
V
VJTAG
JTAG DC voltage
1.4 to 3.6
V
VPUMP4
Programming voltage
Programming mode
3.15 to 3.45
V
Operation 5
0 to 3.6
V
VCCPLL4
Analog power supply (PLL)
1.5 V DC core supply voltage2
1.425 to 1.575
V
1.2 V – 1.5 V DC core supply
voltage3
1.14 to 1.575
V
VCCI and VMV4 1.2 V DC supply voltage3
1.14 to 1.26
V
1.2 V wide range DC supply voltage3
1.14 to 1.575
V
1.5 V DC supply voltage
1.425 to 1.575
V
1.8 V DC supply voltage
1.7 to 1.9
V
2.5 V DC supply voltage
2.3 to 2.7
V
3.0 V DC supply voltage6
2.7 to 3.6
V
3.3 V DC supply voltage
3.0 to 3.6
V
LVDS differential I/O
2.375 to 2.625
V
LVPECL differential I/O
3.0 to 3.6
V
Notes:
1. All parameters representing voltages are measured with respect to GND unless otherwise specified.
2. For A3P250 and A3P1000
3. For A3PE600L and A3PE3000L devices only, operating at VCCI
 VCC.
4. See the "Pin Descriptions and Packaging" section on page 3-1 for instructions and recommendations on tie-off and
supply grouping.
5. The ranges given here are for power supplies only. The recommended input voltage ranges specific to each I/O
standard are given in Table 2-24 on page 2-24. VCCI should be at the same voltage within a given I/O bank.
6. 3.3 V wide range is compliant to the JESD8-B specification and supports 3.0 V VCCI operation.
7. To ensure targeted reliability standards are met across ambient and junction operating temperatures, Microsemi
recommends that the user follow best design practices using Microsemi’s timing and power simulation tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com