Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMV3 Datasheet(PDF) 38 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 38 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 34Page - Microsemi Corporation VMV3 Datasheet HTML 35Page - Microsemi Corporation VMV3 Datasheet HTML 36Page - Microsemi Corporation VMV3 Datasheet HTML 37Page - Microsemi Corporation VMV3 Datasheet HTML 38Page - Microsemi Corporation VMV3 Datasheet HTML 39Page - Microsemi Corporation VMV3 Datasheet HTML 40Page - Microsemi Corporation VMV3 Datasheet HTML 41Page - Microsemi Corporation VMV3 Datasheet HTML 42Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-24
Revision 3
Overview of I/O Performance
Summary of I/O DC Input and Output Levels – Default I/O Software
Settings
Table 2-24 • Summary of Maximum and Minimum DC Input and Output Levels
Applicable to Military Conditions—Software Default Settings
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
I/O Standard
Drive
Strength
Equiv.
Software
Default
Drive
Strength
Option1
Slew
Rate
VIL
VIH
VOL
VOH
IOL2 IOH2
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
3.3 V LVTTL / 3.3
V LVCMOS
12 mA
12 mA High –0.3
0.8
2
3.6
0.4
2.4
12 12
3.3 V LVCMOS
Wide Range1,3
100 µA
12 mA High –0.3
0.8
2
3.6
0.2
VCCI – 0.2 0.1 0.1
2.5 V LVCMOS
12 mA
12mA
High –0.3
0.7
1.7
3.6
0.7
1.7
12 12
1.8 V LVCMOS
12 mA
12 mA High –0.3 0.35 * VCCI 0.65 * VCCI 3.6
0.45
VCCI – 0.45 12 12
1.5 V LVCMOS
12 mA
12 mA High –0.3 0.35 * VCCI 0.65 * VCCI 3.6 0.25 * VCCI 0.75 * VCCI 12 12
1.2 V LVCMOS4,5
2 mA
2 mA
High –0.3 0.35 * VCCI 0.65 * VCCI 3.6 0.25 * VCCI 0.75 * VCCI 2
2
1.2 V LVCMOS
Wide Range1,4,5
100 µA
2 mA
High –0.3 0.3 * VCCI
0.7 * VCCI
3.6
0.1
VCCI – 0.1 0.1 0.1
3.3 V PCI
Per PCI Specification
3.3 V PCI-X
Per PCI-X Specification
3.3 V GTL
20 mA6
20 mA High –0.3 VREF – 0.05 VREF + 0.05 3.6
0.4
–
20 20
2.5 V GTL
20 mA6
20 mA High –0.3 VREF – 0.05 VREF + 0.05 3.6
0.4
–
20 20
3.3 V GTL+
35 mA
35 mA High –0.3 VREF – 0.1 VREF + 0.1 3.6
0.6
–
35 35
2.5 V GTL+
33 mA
33 mA High –0.3 VREF – 0.1 VREF + 0.1 3.6
0.6
–
33 33
HSTL (I)
8 mA
8 mA
High –0.3 VREF – 0.1 VREF + 0.1 3.6
0.4
VCCI – 0.4
8
8
HSTL (II)
15 mA6 15 mA6 High –0.3 VREF – 0.1 VREF + 0.1 3.6
0.4
VCCI – 0.4 15 15
SSTL2 (I)
15 mA
15 mA High –0.3 VREF – 0.2 VREF + 0.2 3.6
0.54
VCCI – 0.62 15 15
SSTL2 (II)
18 mA
18 mA High –0.3 VREF – 0.2 VREF + 0.2 3.6
0.35
VCCI – 0.43 18 18
SSTL3 (I)
14 mA
14 mA High –0.3 VREF – 0.2 VREF + 0.2 3.6
0.7
VCCI – 1.1 14 14
SSTL3 (II)
21 mA
21 mA High –0.3 VREF – 0.2 VREF + 0.2 3.6
0.5
VCCI – 0.9 21 21
Notes:
1. Note that 1.2 V LVCMOS and 3.3 V LVCMOS wide range is applicable to 100 µA drive strength only. The configuration
will not operate at the equivalent software default drive strength These values are for normal ranges only.
2. Currents are measured at 125°C junction temperature.
3. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD-8B specification.
4. Applicable to A3PE600L and A3PE3000L devices operating at VCCI
VCC.
5. All LVCMOS 1.2 V software macros support LVCMOS 1.2 V wide range as specified in the JESD8-12 specification.
6. Output drive strength is below JEDEC specification.
7. Output slew rate can be extracted using the IBIS Models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com