Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMV3 Datasheet(PDF) 70 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 70 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 66Page - Microsemi Corporation VMV3 Datasheet HTML 67Page - Microsemi Corporation VMV3 Datasheet HTML 68Page - Microsemi Corporation VMV3 Datasheet HTML 69Page - Microsemi Corporation VMV3 Datasheet HTML 70Page - Microsemi Corporation VMV3 Datasheet HTML 71Page - Microsemi Corporation VMV3 Datasheet HTML 72Page - Microsemi Corporation VMV3 Datasheet HTML 73Page - Microsemi Corporation VMV3 Datasheet HTML 74Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-56
Revision 3
Table 2-79 • 2.5 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.63
6.45
0.05
1.43
0.45
6.56
5.71
2.48
2.19
9.02
8.17
ns
–1
0.54
5.48
0.04
1.21
0.39
5.58
4.86
2.11
1.86
7.68
6.95
ns
6 mA
Std.
0.63
5.28
0.05
1.43
0.45
5.38
4.92
2.85
2.88
7.84
7.38
ns
–1
0.54
4.50
0.04
1.21
0.39
4.58
4.19
2.42
2.45
6.67
6.28
ns
8 mA
Std.
0.63
5.28
0.05
1.43
0.45
5.38
4.92
2.85
2.88
7.84
7.38
ns
–1
0.54
4.50
0.04
1.21
0.39
4.58
4.19
2.42
2.45
6.67
6.28
ns
12 mA
Std.
0.63
4.48
0.05
1.43
0.45
4.56
4.35
3.11
3.31
7.02
6.81
ns
–1
0.54
3.81
0.04
1.21
0.39
3.88
3.70
2.65
2.82
5.97
5.79
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.
Table 2-80 • 2.5 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.63
3.18
0.05
1.43
0.45
3.23
2.92
2.48
2.28
5.69
5.38
ns
–1
0.54
2.70
0.04
1.21
0.39
2.75
2.48
2.11
1.94
4.84
4.58
ns
6 mA
Std.
0.63
2.57
0.05
1.43
0.45
2.62
2.24
2.84
2.98
5.08
4.70
ns
–1
0.54
2.19
0.04
1.21
0.39
2.23
1.90
2.42
2.54
4.32
4.00
ns
8 mA
Std.
0.63
2.57
0.05
1.43
0.45
2.62
2.24
2.84
2.98
5.08
4.70
ns
–1
0.54
2.19
0.04
1.21
0.39
2.23
1.90
2.42
2.54
4.32
4.00
ns
12 mA
Std.
0.63
2.28
0.05
1.43
0.45
2.32
1.90
3.11
3.42
4.78
4.36
ns
–1
0.54
1.94
0.04
1.21
0.39
1.97
1.62
2.64
2.91
4.07
3.71
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com