Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMV3 Datasheet(PDF) 122 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 122 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 118Page - Microsemi Corporation VMV3 Datasheet HTML 119Page - Microsemi Corporation VMV3 Datasheet HTML 120Page - Microsemi Corporation VMV3 Datasheet HTML 121Page - Microsemi Corporation VMV3 Datasheet HTML 122Page - Microsemi Corporation VMV3 Datasheet HTML 123Page - Microsemi Corporation VMV3 Datasheet HTML 124Page - Microsemi Corporation VMV3 Datasheet HTML 125Page - Microsemi Corporation VMV3 Datasheet HTML 126Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-108
Revision 3
Table 2-182 • Input DDR Propagation Delays
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V for any A3PE600L/A3PE3000L
Parameter
Description
–1
Std.
Units
tDDRICLKQ1
Clock-to-Out Out_QR for Input DDR
0.29
0.34
ns
tDDRICLKQ2
Clock-to-Out Out_QF for Input DDR
0.41
0.48
ns
tDDRISUD1
Data Setup for Input DDR (fall)
0.30
0.35
ns
tDDRISUD2
Data Setup for Input DDR (rise)
0.26
0.31
ns
tDDRIHD1
Data Hold for Input DDR (fall)
0.00
0.00
ns
tDDRIHD2
Data Hold for Input DDR (rise)
0.00
0.00
ns
tDDRICLR2Q1
Asynchronous Clear-to-Out Out_QR for Input DDR
0.49
0.58
ns
tDDRICLR2Q2
Asynchronous Clear-to-Out Out_QF for Input DDR
0.60
0.71
ns
tDDRIREMCLR
Asynchronous Clear Removal Time for Input DDR
0.00
0.00
ns
tDDRIRECCLR
Asynchronous Clear Recovery Time for Input DDR
0.24
0.28
ns
tDDRIWCLR
Asynchronous Clear Minimum Pulse Width for Input DDR
0.19
0.22
ns
tDDRICKMPWH
Clock Minimum Pulse Width HIGH for Input DDR
0.31
0.36
ns
tDDRICKMPWL
Clock Minimum Pulse Width LOW for Input DDR
0.28
0.32
ns
FDDRIMAX
Maximum Frequency for Input DDR
TBD
TBD
MHz
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-183 • Input DDR Propagation Delays
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V for A3P250 and A3P1000
Parameter
Description
–1
Std.
Units
tDDRICLKQ1
Clock-to-Out Out_QR for Input DDR
0.33
0.39
ns
tDDRICLKQ2
Clock-to-Out Out_QF for Input DDR
0.47
0.55
ns
tDDRISUD1
Data Setup for Input DDR (fall)
0.30
0.35
ns
tDDRISUD2
Data Setup for Input DDR (rise)
0.30
0.35
ns
tDDRIHD1
Data Hold for Input DDR (fall)
0.00
0.00
ns
tDDRIHD2
Data Hold for Input DDR (rise)
0.00
0.00
ns
tDDRICLR2Q1
Asynchronous Clear-to-Out Out_QR for Input DDR
0.56
0.65
ns
tDDRICLR2Q2
Asynchronous Clear-to-Out Out_QF for Input DDR
0.69
0.81
ns
tDDRIREMCLR
Asynchronous Clear Removal Time for Input DDR
0.00
0.00
ns
tDDRIRECCLR
Asynchronous Clear Recovery Time for Input DDR
0.27
0.31
ns
tDDRIWCLR
Asynchronous Clear Minimum Pulse Width for Input DDR
0.25
0.30
ns
tDDRICKMPWH
Clock Minimum Pulse Width HIGH for Input DDR
0.41
0.48
ns
tDDRICKMPWL
Clock Minimum Pulse Width LOW for Input DDR
0.37
0.43
ns
FDDRIMAX
Maximum Frequency for Input DDR
TBD
TBD
MHz
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com