Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMV3 Datasheet(PDF) 148 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 148 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 144Page - Microsemi Corporation VMV3 Datasheet HTML 145Page - Microsemi Corporation VMV3 Datasheet HTML 146Page - Microsemi Corporation VMV3 Datasheet HTML 147Page - Microsemi Corporation VMV3 Datasheet HTML 148Page - Microsemi Corporation VMV3 Datasheet HTML 149Page - Microsemi Corporation VMV3 Datasheet HTML 150Page - Microsemi Corporation VMV3 Datasheet HTML 151Page - Microsemi Corporation VMV3 Datasheet HTML 152Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-134
Revision 3
Table 2-205 • RAM512X18
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V for A3PE600L and A3PE3000L
Parameter
Description
–1
Std. Units
tAS
Address setup time
0.35 0.41
ns
tAH
Address hold time
0.00 0.00
ns
tENS
REN_B, WEN_B setup time
0.13 0.15
ns
tENH
REN_B, WEN_B hold time
0.08 0.09
ns
tDS
Input data (DI) setup time
0.25 0.30
ns
tDH
Input data (DI) hold time
0.00 0.00
ns
tCKQ1
Clock High to new data valid on DO (output retained, WMODE = 0)
2.99 3.52
ns
tCKQ2
Clock High to new data valid on DO (pipelined)
1.24 1.46
ns
tC2CRWH
Address collision clk-to-clk delay for reliable read access after write on same
address – applicable to opening edge
0.25 0.29
ns
tC2CWRH
Address collision clk-to-clk delay for reliable write access after read on same
address – applicable to opening edge
0.31 0.36
ns
tRSTBQ
RESET_B Low to data out Low on DO (flow through)
1.28 1.50
ns
RESET_B Low to data out Low on DO (pipelined)
1.28 1.50
ns
tREMRSTB
RESET_B removal
0.40 0.47
ns
tRECRSTB
RESET_B recovery
2.08 2.44
ns
tMPWRSTB RESET_B minimum pulse width
0.66 0.76
ns
tCYC
Clock cycle time
6.08 6.99
ns
FMAX
Maximum frequency
164 143 MHz
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com