Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMV3 Datasheet(PDF) 162 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 162 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 158Page - Microsemi Corporation VMV3 Datasheet HTML 159Page - Microsemi Corporation VMV3 Datasheet HTML 160Page - Microsemi Corporation VMV3 Datasheet HTML 161Page - Microsemi Corporation VMV3 Datasheet HTML 162Page - Microsemi Corporation VMV3 Datasheet HTML 163Page - Microsemi Corporation VMV3 Datasheet HTML 164Page - Microsemi Corporation VMV3 Datasheet HTML 165Page - Microsemi Corporation VMV3 Datasheet HTML 166Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-148
Revision 3
Embedded FlashROM Characteristics
Timing Characteristics
Figure 2-56 • Timing Diagram
A0
A1
tSU
tHOLD
tSU
tHOLD
tSU
tHOLD
tCKQ2
tCKQ2
tCKQ2
CLK
Address
Data
D0
D0
D1
Table 2-216 • Embedded FlashROM Access Time
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V for A3PE600L and
A3PE3000L
Parameter
Description
–1
Std.
Units
tSU
Address Setup Time
0.74
0.87
ns
tHOLD
Address Hold Time
0.00
0.00
ns
tCK2Q
Clock to Out
16.18
19.02
ns
FMAX
Maximum Clock Frequency
15
15
MHz
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating
values.
Table 2-217 • Embedded FlashROM Access Time
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V for A3PE600L and A3PE3000L
Parameter
Description
–1
Std.
Units
tSU
Address Setup Time
0.58
0.68
ns
tHOLD
Address Hold Time
0.00
0.00
ns
tCK2Q
Clock to Out
12.77
15.01
ns
FMAX
Maximum Clock Frequency
15
15
MHz
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating
values.
Table 2-218 • Embedded FlashROM Access Time
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V for A3P250 and
A3P1000
Parameter
Description
–1
Std.
Units
tSU
Address Setup Time
0.64
0.75
ns
tHOLD
Address Hold Time
0.00
0.00
ns
tCK2Q
Clock to Out
19.54
22.97
ns
FMAX
Maximum Clock Frequency
15
15
MHz
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com