Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAP Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 30 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 26Page - Texas Instruments AMC7812SPAP Datasheet HTML 27Page - Texas Instruments AMC7812SPAP Datasheet HTML 28Page - Texas Instruments AMC7812SPAP Datasheet HTML 29Page - Texas Instruments AMC7812SPAP Datasheet HTML 30Page - Texas Instruments AMC7812SPAP Datasheet HTML 31Page - Texas Instruments AMC7812SPAP Datasheet HTML 32Page - Texas Instruments AMC7812SPAP Datasheet HTML 33Page - Texas Instruments AMC7812SPAP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
No
No
Yes
Start
(Reset)
Waitfor
ADCTrigger
StopCurrent
Conversion
First
Conversion
New
TriggerOccurred
orCMODE
Changed?
Has
InputChannel
Registerbeen
Rewritten?
Has
InputThreshold
Registerbeen
Rewritten?
Isthisthe
Last
Conversion?
Convert
NextChannel
Direct
Mode?
No
No
No
Yes
Yes
Yes
Yes
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
Conversion Mode
Two types of ADC conversions are available: direct mode and auto mode. The CMODE (conversion mode) bit of
the AMC Configuration 0 Register specifies the conversion mode.
In direct mode, each analog channel within the specified group is converted a single time. After the last channel
is converted, the ADC goes into an idle state and waits for a new trigger.
Auto mode is a continuous operation. In auto mode, each analog channel within the specified group is converted
sequentially and repeatedly.
The flow chart of the ADC conversion sequence in Figure 82 shows the conversion process.
Figure 82. ADC Conversion Sequence
30
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com