Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 2Page - Texas Instruments AMC7812SPAP Datasheet HTML 3Page - Texas Instruments AMC7812SPAP Datasheet HTML 4Page - Texas Instruments AMC7812SPAP Datasheet HTML 5Page - Texas Instruments AMC7812SPAP Datasheet HTML 6Page - Texas Instruments AMC7812SPAP Datasheet HTML 7Page - Texas Instruments AMC7812SPAP Datasheet HTML 8Page - Texas Instruments AMC7812SPAP Datasheet HTML 9Page - Texas Instruments AMC7812SPAP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +105°C, AVDD = DVDD = 4.5V to 5.5V, AVCC = +15V, AGND = DGND = 0V, IOVDD = 2.7V to 5.5V, internal
2.5V reference, and the DAC output span = 0V to 5V, unless otherwise noted.
AMC7812
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL LOGIC: All Except SCL, SDA, ALARM, and GPIO
IOVDD = +5V
2.1
0.3 + IOVDD
V
VIH
Input high voltage
IOVDD = +3.3V
2.1
0.3 + IOVDD
V
IOVDD = +5V
–0.3
0.8
V
VIL
Input low voltage
IOVDD = +3.3V
–0.3
0.8
V
Input current
±1
µA
Input capacitance
5
pF
IOVDD = +5V, sourcing 3mA
4.8
V
VOH
Output high voltage
IOVDD = +3.3V, sourcing 3mA
2.9
V
IOVDD = +5V, sinking 3mA
0.4
V
VOL
Output low voltage
IOVDD = +3.3V, sinking 3mA
0.4
V
High-impedance leakage
±5
µA
High-impedance output capacitance
10
pF
DIGITAL LOGIC: SDA, SCL (I2C-Compatible Interface)
IOVDD = +5V
2.1
0.3 + IOVDD
V
VIH
Input high voltage
IOVDD = +3.3V
2.1
0.3 + IOVDD
V
IOVDD = +5V
–0.3
0.8
V
VIL
Input low voltage
IOVDD = +3.3V
–0.3
0.8
V
Input current
±5
µA
Input capacitance
5
pF
IOVDD = +5V, sinking 3mA
0
0.4
V
VOL
Output low voltage
IOVDD = +3.3V, sinking 3mA
0
0.4
V
High-impedance leakage
±5
µA
High-impedance output capacitance
10
pF
TIMING REQUIREMENTS
From AVDD , DVDD ≥ 2.7V and AVCC ≥ 4.5V to
Power-on delay
100
250
µs
normal operation
Power-down recovery time
from CS rising edge
70
µs
Reset delay
Delay to normal operation from any reset
100
250
µs
Convert pulse width
20
ns
Reset pulse width
20
ns
POWER-SUPPLY REQUIREMENTS
AVDD
AVDD must be ≥ (VREF + 1.2V)
+2.7
+5.5
V
AVDD and DVDD combined,
7.9
12.5
mA
normal operation, no DAC load
AIDD
AVDD and DVDD combined,
1.6
mA
all blocks in power down
AVCC
+4.5
+18
V
IVCC
AVCC, no load, DACs at code 800h
6.5
mA
Normal operation(10), AVDD = DVDD = 5V, AVCC
Power dissipation
95
120
mW
= 15V
DVDD
+2.7
+5.5
V
IOVDD
+2.7
+5.5
V
TEMPERATURE RANGE
Specified performance
–40
+105
°C
(10) No DAC load, all DACs at 800h and both ADCs at the fastest auto conversion rate
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com