Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 5Page - Texas Instruments AMC7812SPAP Datasheet HTML 6Page - Texas Instruments AMC7812SPAP Datasheet HTML 7Page - Texas Instruments AMC7812SPAP Datasheet HTML 8Page - Texas Instruments AMC7812SPAP Datasheet HTML 9Page - Texas Instruments AMC7812SPAP Datasheet HTML 10Page - Texas Instruments AMC7812SPAP Datasheet HTML 11Page - Texas Instruments AMC7812SPAP Datasheet HTML 12Page - Texas Instruments AMC7812SPAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
PIN DESCRIPTIONS (continued)
PIN (QFN / HTQFP)
DESCRIPTION
NO.
NAME
DAC clear control signal, digital input, active low. When low, all DACs associated with the DAC-CLR-0 pin enter
a clear state, the DAC Latch is loaded with predefined code, and the output is set to the corresponding level.
17
DAC-CLR-0
However, the DAC-Data Register does not change. When the DAC goes back to normal operation, the DAC
Latch is loaded with the previous data from the DAC-Data Register and the output returns to the previous level,
regardless of the status of the SLDAC-n bit. When this pin is high, the DACs are in normal operation.
18
DAC5-OUT
19
DAC4-OUT
Output of DAC channels 3, 4, and 5
20
DAC3-OUT
21
AGND4
Analog ground
22
AGND3
Positive analog power for DAC0-OUT, DAC1-OUT, DAC2-OUT, DAC3-OUT, DAC4-OUT, DAC5-OUT, must be
23
AVCC2
tied to AVCC1
24
DAC2-OUT
25
DAC1-OUT
Output of DAC channels 0, 1, and 2
26
DAC0-OUT
27
D2–/GPIO-6
Remote sensor D2 negative input when D2 enabled; GPIO-6 when D2 disabled. Pull-up required for output.
28
D2+/GPIO-7
Remote sensor D2 positive input when D2 enabled; GPIO-7 when D2 disabled. Pull-up required for output.
29
D1–/GPIO4
Remote sensor D1 negative input when D1 enabled; GPIO-6 when D1 disabled. Pull-up required for output.
30
D1+/GPIO-5
Remote sensor D1 positive input when D1 enabled; GPIO-7 when D1 disabled. Pull-up required for output.
External ADC reference input when external VREF is used to drive ADC. Compensation capacitor connection
31
ADC-REF-IN/CMP
(connect 4.7µF capacitor between this pin and AGND) when Internal VREF is used to drive ADC.
32
ADC-GND
ADC ground. Must be connected to AGND.
33-
Analog inputs of channel 0 to 15. CH4 to CH15 are single-ended. CH0, CH1, CH2, and CH3 can be
CH0 to CH15
48
programmed as differential or single-ended.
49
AVDD1
Positive analog power supply
50
AVDD2
51
DAC6-OUT
52
DAC7-OUT
Output of DAC channels 6, 7, and 8
53
DAC8-OUT
54
AGND1
Analog ground
55
AGND2
Positive analog power for DAC6-OUT, DAC7-OUT, DAC8-OUT, DAC9-OUT, DAC10-OUT, DAC11-OUT, must
56
AVCC1
be tied to AVCC2
57
REF-OUT
Internal reference output
58
REF-DAC
DAC reference Input
59
DAC9-OUT
60
DAC10-OUT
Output of DAC channels 9, 10, and 11
61
DAC11-OUT
Global alarm. Open drain output. External 10k
Ω pull-up resistor required. This pin goes low (active) when one
62
ALARM
(or more) of the analog channels are out of range.
DAC clear control signal, digital input, active low. When low, all DACs associated with the DAC-CLR-1 pin enter
a clear state, the DAC Latch is loaded with predefined code, and the output is set to the corresponding level.
63
DAC-CLR-1
However, the DAC-Data Register does not change. When the DAC goes back to normal operation, the DAC
Latch is loaded with the previous data from the DAC-Data Register and the output returns to the previous level,
regardless of the status of the SLDAC-n bit. When this pin is high, the DACs are in normal operation.
64
DGND2
Digital ground
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com