Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAP Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 64 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 60Page - Texas Instruments AMC7812SPAP Datasheet HTML 61Page - Texas Instruments AMC7812SPAP Datasheet HTML 62Page - Texas Instruments AMC7812SPAP Datasheet HTML 63Page - Texas Instruments AMC7812SPAP Datasheet HTML 64Page - Texas Instruments AMC7812SPAP Datasheet HTML 65Page - Texas Instruments AMC7812SPAP Datasheet HTML 66Page - Texas Instruments AMC7812SPAP Datasheet HTML 67Page - Texas Instruments AMC7812SPAP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
ADC-n-DATA REGISTERS (Read-Only, Addresses = 23h to 32h)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Bits[11:0]
ADC data.
Four ADC data registers are available. The ADC-n-Data Registers (where n = 0 to 15) store the conversion
results of the corresponding analog channel-n, as shown in Table 15.
Table 15. ADC Data Register Definitions
CONVERSION RESULT
INPUT CHANNEL
INPUT TYPE
STORED IN
FORMAT
Channel 0
Single-Ended
ADC-0-Data Register
Straight binary
Channel 1
Single-Ended
ADC-1-Data Register
Straight binary
Channel 2
Single-Ended
ADC-2-Data Register
Straight binary
Channel 3
Single-Ended
ADC-3-Data Register
Straight binary
CH0+/CH1–
Differential
ADC-0-Data Register
Twos complement
CH2+/CH3–
Differential
ADC-2-Data Register
Twos complement
Channel 4
Single-Ended
ADC-4-Data Register
Straight binary
Channel 5
Single-Ended
ADC-5-Data Register
Straight binary
Channel 6
Single-Ended
ADC-6-Data Register
Straight binary
Channel 7
Single-Ended
ADC-7-Data Register
Straight binary
Channel 8
Single-Ended
ADC-8-Data Register
Straight binary
Channel 9
Single-Ended
ADC-9-Data Register
Straight binary
Channel 10
Single-Ended
ADC-10-Data Register
Straight binary
Channel 11
Single-Ended
ADC-11-Data Register
Straight binary
Channel 12
Single-Ended
ADC-12-Data Register
Straight binary
Channel 13
Single-Ended
ADC-13-Data Register
Straight binary
Channel 14
Single-Ended
ADC-14-Data Register
Straight binary
Channel 15
Single-Ended
ADC-15-Data Register
Straight binary
64
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com