Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 20Page - Texas Instruments AMC7812SPAP Datasheet HTML 21Page - Texas Instruments AMC7812SPAP Datasheet HTML 22Page - Texas Instruments AMC7812SPAP Datasheet HTML 23Page - Texas Instruments AMC7812SPAP Datasheet HTML 24Page - Texas Instruments AMC7812SPAP Datasheet HTML 25Page - Texas Instruments AMC7812SPAP Datasheet HTML 26Page - Texas Instruments AMC7812SPAP Datasheet HTML 27Page - Texas Instruments AMC7812SPAP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
5
6
7
8
9
10
11
12
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AVDD (V)
TA = +25°C
−40 −25 −10
5
20
35
50
65
80
95
110 125
7
8
9
10
11
12
TA (°C)
460
470
480
490
500
510
520
530
540
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AVDD (V)
TA = +25°C
−40 −25 −10
5
20
35
50
65
80
95
110 125
460
470
480
490
500
510
520
530
540
TA (°C)
0
5
10
15
20
ConversionFrequency(kHz)
972Units
−40 −25 −10
5
20
35
50
65
80
95
110 125
−5
−4
−3
−2
−1
0
1
2
3
4
5
TA (dB)
0V to VREF Mode
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Single−Ended Mode
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS: ADC (continued)
At +25°C, unless otherwise noted.
OFFSET vs TEMPERATURE
CONVERSION FREQUENCY
Figure 61.
Figure 62.
CONVERSION FREQUENCY vs SUPPLY
CONVERSION FREQUENCY vs TEMPERATURE
Figure 63.
Figure 64.
SUPPLY CURRENT vs SUPPLY VOLTAGE
SUPPLY CURRENT vs TEMPERATURE
Figure 65.
Figure 66.
24
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com