Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 6Page - Texas Instruments AMC7812SPAP Datasheet HTML 7Page - Texas Instruments AMC7812SPAP Datasheet HTML 8Page - Texas Instruments AMC7812SPAP Datasheet HTML 9Page - Texas Instruments AMC7812SPAP Datasheet HTML 10Page - Texas Instruments AMC7812SPAP Datasheet HTML 11Page - Texas Instruments AMC7812SPAP Datasheet HTML 12Page - Texas Instruments AMC7812SPAP Datasheet HTML 13Page - Texas Instruments AMC7812SPAP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
t
HD, STA
t
SU, DAT
t
HD, DAT
t
SU, STA
t
SU, STO
t
HD,STA
t
LOW
t
HIGH
t
R
t
F
t
BUF
SDA
SCL
S
Sr
P
S
S=STARTCondition
Sr=RepeatedSTARTCondition
P=STOPCondition
=ResistorPull-Up
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
I
2C-COMPATIBLE TIMING DIAGRAMS
Figure 1. Timing for Standard and Fast Mode Devices on the I2C Bus
TIMING CHARACTERISTICS: SDA and SCL for Standard and Fast Modes
(1)
At –40°C to +105°C, AVDD = DVDD = 4.5V to 5.5V, AGND = DGND = 0V, and IOVDD = 2.7V to 5.5V, unless otherwise noted.
STANDARD
FAST
MODE
MODE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
fSCL
(2)
SCL clock frequency
0
100
0
400
kHz
tLOW
Low period of the SCL clock
4.7
—
1.3
—
µs
tHIGH
High period of the SCL clock
4.0
—
0.6
—
µs
tSU, STA
Set-up time for a repeated start condition
4.7
—
0.6
—
µs
Hold time (repeated) start condition. After this
tHD, STA
4.0
—
0.6
—
µs
period, the first clock pulse is generated
tSU, DAT
Data set-up time
250
—
100
—
ns
tHD, DAT
Data hold time: for I2C-bus devices
0
3.45
0
0.9
µs
tSU, STO
Set-up time for stop condition
4.0
—
0.6
—
µs
tR
Rise time of both SDA and SCL signals
—
1000
20 + 0.1CB
(3)
300
ns
tF
Fall time of both SDA and SCL signals
—
300
20 + 0.1CB
(3)
300
ns
tBUF
Bus free time between a stop and start condition
4.7
—
1.3
—
µs
CB
Capacitive load for each bus line
—
400
—
400
pF
tSP
Pulse width of spike suppressed
NA
NA
0
50
ns
(1)
All values refer to VIHmin and VILmax levels.
(2)
An SCL operating frequency of at least 1kHz is recommended to avoid activating the I2C timeout function. See the Timeout Function
section for details.
(3)
CB = total capacitance of one bus line in pF.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com