Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 19 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 15Page - Texas Instruments AMC7812SPAP Datasheet HTML 16Page - Texas Instruments AMC7812SPAP Datasheet HTML 17Page - Texas Instruments AMC7812SPAP Datasheet HTML 18Page - Texas Instruments AMC7812SPAP Datasheet HTML 19Page - Texas Instruments AMC7812SPAP Datasheet HTML 20Page - Texas Instruments AMC7812SPAP Datasheet HTML 21Page - Texas Instruments AMC7812SPAP Datasheet HTML 22Page - Texas Instruments AMC7812SPAP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
−20
−15
−10
−5
0
5
10
15
20
0
4
8
12
16
20
Time (s)
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
Code = 800h
−3
0
3
6
9
12
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
0
2
4
6
8
10
12
14
16
Time (µs)
DAC Out SS
DAC Out LS
CS
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
RL= 2KΩ, CL = 250pF
0
10
20
30
40
50
60
AICC (mA)
30Units
TA =+25°C
0
200
400
600
800
1000
1200
1400
10
100
1k
10k
100k
1M
Frequency (Hz)
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
3
3.4
3.7
4
4.4
4.7
5.1
5.4
5.8
6.1
6.5
0
512
1024
1536
2048
2560
3072
3584
4096
Code
All DAC Channels
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
3
3.5
4
4.5
5
5.5
6
−40
−25
−10
5
20
35
50
65
80
95
110
TA (°C)
Gain = 2
VREF = 2.5V, Internal
Code = 800h
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS: DAC (continued)
At +25°C, unless otherwise noted.
SUPPLY CURRENT vs DAC CODE
SUPPLY CURRENT vs TEMPERATURE
Figure 36.
Figure 37.
DAC SUPPLY CURRENT
DAC NOISE VOLTAGE vs FREQUENCY
Figure 38.
Figure 39.
DAC NOISE 0.1Hz to 10Hz
SETTLING TIME RISING EDGE
Figure 40.
Figure 41.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com