Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812SPAP Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 73 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 69Page - Texas Instruments AMC7812SPAP Datasheet HTML 70Page - Texas Instruments AMC7812SPAP Datasheet HTML 71Page - Texas Instruments AMC7812SPAP Datasheet HTML 72Page - Texas Instruments AMC7812SPAP Datasheet HTML 73Page - Texas Instruments AMC7812SPAP Datasheet HTML 74Page - Texas Instruments AMC7812SPAP Datasheet HTML 75Page - Texas Instruments AMC7812SPAP Datasheet HTML 76Page - Texas Instruments AMC7812SPAP Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
Table 26. AUTO-DAC-CLR-SOURCE Register (continued)
BIT
NAME
DEFAULT
R/W
DESCRIPTION
CH3 alarm clear bit.
If CH3-ALR_CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register and
11
CH3-ALR-CLR
0
R/W
the CH3-ALR bit in the Status Register are set ('1'), then DACn is forced to a clear status.
If CH3-ALR_CLR = '0', then CH3-ALR goes to '1' and does not force any DAC to a clear
status.
Local temperature sensor low alarm clear bit.
If LT-Low-ALR-CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register
LT-Low-ALR-
and the LT-Low-ALR bit in the Status Register are set ('1'), then DACn is forced to a clear
10
0
R/W
CLR
status.
If LT-Low-ALR-CLR = '0', then LT-Low-ALR goes to '1' and does not force any DAC to a
clear status.
Local temperature sensor high alarm clear bit.
If LT-High-ALR-CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register
LT-High-ALR-
and the LT-High-ALR bit in the Status Register are set ('1'), then DACn is forced to a clear
9
0
R/W
CLR
status.
If LT-High-ALR-CLR = '0', then LT-High-ALR goes to '1' and does not force any DAC to a
clear status.
Remote temperature sensor D1 low alarm clear bit.
If D1-Low-ALR-CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register
D1-Low-ALR-
and the D1-Low-ALR bit in the Status Register are set ('1'), then DACn is forced to a clear
8
0
R/W
CLR
status.
If D1-Low-ALR-CLR = '0', then D1-Low-ALR goes to '1' and does not force any DAC to a
clear status.
Remote temperature sensor D1 high alarm clear bit.
If D1-High-ALR-CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register
D1-High-ALR-
and the D1-High-ALR bit in the Status Register are set ('1'), then DACn is forced to a clear
7
0
R/W
CLR
status.
If D1-High-ALR-CLR = '0', then D1-High-ALR goes to '1' and does not force any DAC to a
clear status.
Remote temperature sensor D2 low alarm clear bit.
If D2-Low-ALR-CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register
D2-Low-ALR-
and the D2-Low-ALR bit in the Status Register are set ('1'), then DACn is forced to a clear
6
0
R/W
CLR
status.
If D2-Low-ALR-CLR = '0', then D2-Low-ALR goes to '1' and does not force any DAC to a
clear status.
Remote temperature sensor D2 high alarm clear bit.
If D2-High-ALR-CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register
D2-High-ALR-
and the D2-High-ALR bit in the Status Register are set ('1'), then DACn is forced to a clear
5
0
R/W
CLR
status.
If D2-High-ALR-CLR = '0', then D2-High-ALR goes to '1' and does not force any DAC to a
clear status.
D1 fail alarm clear bit.
If D1-FAIL-CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register and
the D2-FAIL-ALR bit in the Status Register are set ('1'), then DACn is forced to a clear
4
D1-FAIL-CLR
0
R/W
status.
If D1-FAIL-ALR-CLR = '0', then D1-FAIL-ALR goes to '1' and does not force any DAC to a
clear status.
D2 fail alarm clear bit.
If D2-FAIL-CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register and
the D2-FAIL-ALR bit in the Status Register are set ('1'), then DACn is forced to a clear
3
D2-FAIL-CLR
0
R/W
status.
If D2-FAIL-ALR-CLR = '0', then D2-FAIL-ALR goes to '1' and does not force any DAC to a
clear status.
Thermal alarm clear bit.
If THERM-ALR-CLR = '1', and if both the ACLRn bit in the AUTO-DAC-CLR-EN Register
THERM-ALR-
and the THERM-ALR bit in the Status Register are set ('1'), then DACn is forced to a clear
2
1
R/W
CLR
status.
If THERM-ALR-CLR = '0', then THERM-ALR goes to '1' and does not force any DAC to a
clear status.
1
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
0
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
73
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com