Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 19 Page - Texas Instruments

Part # CC2500-RTR1
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 15Page - Texas Instruments CC2500-RTR1 Datasheet HTML 16Page - Texas Instruments CC2500-RTR1 Datasheet HTML 17Page - Texas Instruments CC2500-RTR1 Datasheet HTML 18Page - Texas Instruments CC2500-RTR1 Datasheet HTML 19Page - Texas Instruments CC2500-RTR1 Datasheet HTML 20Page - Texas Instruments CC2500-RTR1 Datasheet HTML 21Page - Texas Instruments CC2500-RTR1 Datasheet HTML 22Page - Texas Instruments CC2500-RTR1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 99 page
background image
CC2500
SWRS040C
Page 19 of 89
Component
Value
Manufacturer
C51
100 nF ±10%, 0402 X5R
Murata GRM15 series
C81
27 pF ±5%, 0402 NP0
Murata GRM15 series
C101
27 pF ±5%, 0402 NP0
Murata GRM15 series
C121
100 pF ±5%, 0402 NP0
Murata GRM15 series
C122
1.0 pF ±0.25 pF, 0402 NP0
Murata GRM15 series
C123
1.8 pF ±0.25 pF, 0402 NP0
Murata GRM15 series
C124
1.5 pF ±0.25 pF, 0402 NP0
Murata GRM15 series
C131
100 pF ±5%, 0402 NP0
Murata GRM15 series
C132
1.0 pF ±0.25 pF, 0402 NP0
Murata GRM15 series
L121
1.2 nH ±0.3 nH, 0402 monolithic
Murata LQG15HS series
L122
1.2 nH ±0.3 nH, 0402 monolithic
Murata LQG15HS series
L131
1.2 nH ±0.3 nH, 0402 monolithic
Murata LQG15HS series
R171
56 k
Ω ±1%, 0402
Koa RK73 series
XTAL
26.0 MHz surface mount crystal
NDK, AT-41CD2
Table 15: Bill Of Materials for the Application Circuit
Measurements have been performed with
multi-layer inductors from other manufacturers
(e.g. Würth) and the measurement results
were the same as when using the Murata part.
The Gerber files for the CC2500EM reference
design ([4]) are available from the TI website.
Figure 4: CC2500EM Reference Design ([4])
8
Configuration Overview
CC2500 can be configured to achieve optimum
performance for many different applications.
Configuration is done using the SPI interface.
The
following
key
parameters
can
be
programmed:
Power-down / power up mode
Crystal oscillator power-up / power-down
Receive / transmit mode
RF channel selection
Data rate
Modulation format
RX channel filter bandwidth
RF output power
Data
buffering
with
separate
64-byte
receive and transmit FIFOs
Packet radio hardware support
Forward
Error
Correction
(FEC)
with
interleaving
Data Whitening
Wake-On-Radio (WOR)
Details of each configuration register can be
found in Section 32, starting on page 57.
Figure 5 shows a simplified state diagram that
explains the main
CC2500 states, together with
typical usage and current consumption. For
detailed information on controlling the
CC2500
state machine, and a complete state diagram,
see Section 19, starting on page 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com