Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 64 Page - Texas Instruments

Part # CC2500-RTR1
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 60Page - Texas Instruments CC2500-RTR1 Datasheet HTML 61Page - Texas Instruments CC2500-RTR1 Datasheet HTML 62Page - Texas Instruments CC2500-RTR1 Datasheet HTML 63Page - Texas Instruments CC2500-RTR1 Datasheet HTML 64Page - Texas Instruments CC2500-RTR1 Datasheet HTML 65Page - Texas Instruments CC2500-RTR1 Datasheet HTML 66Page - Texas Instruments CC2500-RTR1 Datasheet HTML 67Page - Texas Instruments CC2500-RTR1 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 99 page
background image
CC2500
SWRS040C
Page 64 of 89
0x08: PKTCTRL0 – Packet Automation Control
Bit
Field Name
Reset
R/W
Description
7
Reserved
R0
6
WHITE_DATA
1
R/W
Turn data whitening on / off
0: Whitening off
1: Whitening on
Data whitening can only be used when
PKTCTRL0.CC2400_EN=0 (default).
5:4
PKT_FORMAT[1:0]
0 (00)
R/W
Format of RX and TX data
Setting
Packet format
0 (00)
Normal mode, use FIFOs for RX and TX
1 (01)
Synchronous serial mode, used for backwards
compatibility. Data in on GDO0
2 (10)
Random TX mode; sends random data using PN9
generator. Used for test.
Works as normal mode, setting 0 (00), in RX.
3 (11)
Asynchronous serial mode. Data in on GDO0 and
data out on either of the GDO0 pins
3
CC2400_EN
0
R/W
Enable CC2400 support. Use same CRC implementation as
CC2400.
PKTCTRL1.CRC_AUTOFLUSH must be 0 if
PKTCTRL0.CC2400_EN=1.
PKTCTRL0.WHITE_DATA must be 0 if
PKTCTRL0.CC2400_EN=1.
2
CRC_EN
1
R/W
1: CRC calculation in TX and CRC check in RX enabled
0: CRC disabled for TX and RX
1:0
LENGTH_CONFIG[1:0]
1 (01)
R/W
Configure the packet length
Setting
Packet length configuration
0 (00)
Fixed packet length mode. Length configured in
PKTLEN register
1 (01)
Variable packet length mode. Packet length
configured by the first byte after sync word
2 (10)
Infinite packet length mode
3 (11)
Reserved
0x09: ADDR – Device Address
Bit
Field Name
Reset
R/W
Description
7:0
DEVICE_ADDR[7:0]
0 (0x00)
R/W
Address used for packet filtration. Optional broadcast
addresses are 0 (0x00) and 255 (0xFF).
0x0A: CHANNR – Channel Number
Bit
Field Name
Reset
R/W
Description
7:0
CHAN[7:0]
0 (0x00)
R/W
The 8-bit unsigned channel number, which is multiplied by the
channel spacing setting and added to the base frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com