Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 81 Page - Texas Instruments

Part # CC2500-RTR1
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 81 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 77Page - Texas Instruments CC2500-RTR1 Datasheet HTML 78Page - Texas Instruments CC2500-RTR1 Datasheet HTML 79Page - Texas Instruments CC2500-RTR1 Datasheet HTML 80Page - Texas Instruments CC2500-RTR1 Datasheet HTML 81Page - Texas Instruments CC2500-RTR1 Datasheet HTML 82Page - Texas Instruments CC2500-RTR1 Datasheet HTML 83Page - Texas Instruments CC2500-RTR1 Datasheet HTML 84Page - Texas Instruments CC2500-RTR1 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 99 page
background image
CC2500
SWRS040C
Page 81 of 89
0x2B: AGCTEST – AGC Test
Bit
Field Name
Reset
R/W
Description
7:0
AGCTEST[7:0]
63
(0x3F)
R/W
For test only. Do not write to this register.
0x2C: TEST2 – Various Test Settings
Bit
Field Name
Reset
R/W
Description
7:0
TEST2[7:0]
136 (0x88)
R/W
Set to 0x81 for improved sensitivity at data rates
≤100 kBaud. The
temperature range is then from 0
oC to +85oC.
0x2D: TEST1 – Various Test Settings
Bit
Field Name
Reset
R/W
Description
7:0
TEST1[7:0]
49 (0x31)
R/W
Set to 0x35 for improved sensitivity at data rates
≤100 kBaud. The
temperature range is then from 0
oC to +85oC.
0x2E: TEST0 – Various Test Settings
Bit
Field Name
Reset
R/W
Description
7:2
TEST0[7:2]
2 (0x02)
R/W
The value to use in this register is given by the SmartRF
Studio
software [5].
1
VCO_SEL_CAL_EN
1
R/W
Enable VCO selection calibration stage when 1
0
TEST0[0]
1
R/W
The value to use in this register is given by the SmartRF
Studio
software [5].
32.3
Status Register Details
0x30 (0xF0): PARTNUM – Chip ID
Bit
Field Name
Reset
R/W
Description
7:0
PARTNUM[7:0]
128 (0x80)
R
Chip part number
0x31 (0xF1): VERSION – Chip ID
Bit
Field Name
Reset
R/W
Description
7:0
VERSION[7:0]
3 (0x03)
R
Chip version number.
0x32 (0xF2): FREQEST – Frequency Offset Estimate from Demodulator
Bit
Field Name
Reset
R/W
Description
7:0
FREQOFF_EST
R
The estimated frequency offset (2’s complement) of the carrier.
Resolution is FXTAL/2
14 (1.59 - 1.65 kHz); range is ±202 kHz to
±210 kHz, dependent of XTAL frequency.
Frequency offset compensation is only supported for 2-FSK;
GFSK and MSK modulation. This register will read 0 when
using OOK modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com