Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 89 Page - Texas Instruments

Part # CC2500-RTR1
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 89 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 85Page - Texas Instruments CC2500-RTR1 Datasheet HTML 86Page - Texas Instruments CC2500-RTR1 Datasheet HTML 87Page - Texas Instruments CC2500-RTR1 Datasheet HTML 88Page - Texas Instruments CC2500-RTR1 Datasheet HTML 89Page - Texas Instruments CC2500-RTR1 Datasheet HTML 90Page - Texas Instruments CC2500-RTR1 Datasheet HTML 91Page - Texas Instruments CC2500-RTR1 Datasheet HTML 92Page - Texas Instruments CC2500-RTR1 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 99 page
background image
CC2500
SWRS040C
Page 89 of 89
Revision
Date
Description/Changes
1.2
SWRS040A
2006-06-28
Added figures to table on SPI interface timing requirements.
Added information about SPI read.
Updates to text and included new figure in section on arbitrary length configuration.
Updates to section on CRC check. Added information about CRC check when
PKTCTRL0.CC2400_EN=1.
Added information on RSSI update rate in section RSSI.
Updates to text and included new figures in section on power-on start-up sequence.
Changes to wake-on-radio current consumption figures under electrical specifications.
Updates to text in section on data FIFO.
Added information about how to check for PLL lock in section on VCO.
Better explanation of some of the signals in table of GDO signal selection. Also added some more
signals.
Added section on wideband modulation not using spread spectrum under section on system
considerations and guidelines.
Changes to timeout for sync word search in RX in register MCSM2.
Changes to wake-on-radio control register WORCTRL. WOR_RES[1:0] settings 10 b and 11b
changed to Not Applicable (NA).
Added more detailed information on PO_TIMEOUT in register MCSM0.
Added description of programming bits in registers FOCCFG, BSCFG, AGCCTRL0, FREND1.
Changes to ordering information.
1.1
2005-10-20
MDMCFG2[7] used. 26-27 MHz crystal range. Chapter 15: description of the 2 optional append
bytes. Added matching information. Added information about using a reference signal instead of a
crystal. CRC can only be checked by append bytes or CRC_AUTOFLUSH. Added equation for
calculating RSSI in dBm. Selectivity performance graphs added.
1.0
2005-01-24
First preliminary release.
Table 38: Document History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com