Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 59 Page - Texas Instruments

Part # CC2500-RTR1
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 55Page - Texas Instruments CC2500-RTR1 Datasheet HTML 56Page - Texas Instruments CC2500-RTR1 Datasheet HTML 57Page - Texas Instruments CC2500-RTR1 Datasheet HTML 58Page - Texas Instruments CC2500-RTR1 Datasheet HTML 59Page - Texas Instruments CC2500-RTR1 Datasheet HTML 60Page - Texas Instruments CC2500-RTR1 Datasheet HTML 61Page - Texas Instruments CC2500-RTR1 Datasheet HTML 62Page - Texas Instruments CC2500-RTR1 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 99 page
background image
CC2500
SWRS040C
Page 59 of 89
Address
Register
Description
Details on
Page Number
0x30 (0xF0)
PARTNUM
CC2500 part number
81
0x31 (0xF1)
VERSION
Current version number
81
0x32 (0xF2)
FREQEST
Frequency offset estimate
81
0x33 (0xF3)
LQI
Demodulator estimate for Link Quality
82
0x34 (0xF4)
RSSI
Received signal strength indication
82
0x35 (0xF5)
MARCSTATE
Control state machine state
82
0x36 (0xF6)
WORTIME1
High byte of WOR timer
83
0x37 (0xF7)
WORTIME0
Low byte of WOR timer
83
0x38 (0xF8)
PKTSTATUS
Current GDOx status and packet status
83
0x39 (0xF9)
VCO_VC_DAC
Current setting from PLL calibration module
83
0x3A (0xFA)
TXBYTES
Underflow and number of bytes in the TX FIFO
83
0x3B (0xFB)
RXBYTES
Overflow and number of bytes in the RX FIFO
84
0x3C (0xFC)
RCCTRL1_STATUS
Last RC oscillator calibration result
84
0x3D (0xFD)
RCCTRL0_STATUS
Last RC oscillator calibration result
84
Table 36: Status Registers Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com