Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 65 Page - Texas Instruments

Part # CC2500-RTR1
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 65 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 61Page - Texas Instruments CC2500-RTR1 Datasheet HTML 62Page - Texas Instruments CC2500-RTR1 Datasheet HTML 63Page - Texas Instruments CC2500-RTR1 Datasheet HTML 64Page - Texas Instruments CC2500-RTR1 Datasheet HTML 65Page - Texas Instruments CC2500-RTR1 Datasheet HTML 66Page - Texas Instruments CC2500-RTR1 Datasheet HTML 67Page - Texas Instruments CC2500-RTR1 Datasheet HTML 68Page - Texas Instruments CC2500-RTR1 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 99 page
background image
CC2500
SWRS040C
Page 65 of 89
0x0B: FSCTRL1 – Frequency Synthesizer Control
Bit
Field Name
Reset
R/W
Description
7:5
Reserved
R0
4:0
FREQ_IF[4:0]
15 (0x0F)
R/W
The desired IF frequency to employ in RX. Subtracted from FS
base frequency in RX and controls the digital complex mixer in
the demodulator.
IF
FREQ
f
f
XOSC
IF
_
2
10
The default value gives an IF frequency of 381 kHz, assuming
a 26.0 MHz crystal.
0x0C: FSCTRL0 – Frequency Synthesizer Control
Bit
Field Name
Reset
R/W
Description
7:0
FREQOFF[7:0]
0 (0x00)
R/W
Frequency offset added to the base frequency before being
used by the FS. (2’s complement).
Resolution is FXTAL/2
14 (1.59 - 1.65 kHz); range is ±202 kHz to
±210 kHz, dependent of XTAL frequency.
0x0D: FREQ2 – Frequency Control Word, High Byte
Bit
Field Name
Reset
R/W
Description
7:6
FREQ[23:22]
1 (01)
R
FREQ[23:22] is always binary 01 (the FREQ2 register is in the range 85 to
95 with 26-27 MHz crystal)
5:0
FREQ[21:16]
30
(0x1E)
R/W
FREQ[23:0] is the base frequency for the frequency synthesiser in
increments of FXOSC/2
16.
0
:
23
2
16
FREQ
f
f
XOSC
carrier
0x0E: FREQ1 – Frequency Control Word, Middle Byte
Bit
Field Name
Reset
R/W
Description
7:0
FREQ[15:8]
196 (0xC4)
R/W
Ref. FREQ2 register
0x0F: FREQ0 – Frequency Control Word, Low Byte
Bit
Field Name
Reset
R/W
Description
7:0
FREQ[7:0]
236 (0xEC)
R/W
Ref. FREQ2 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com