Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 74 Page - Texas Instruments

Part # CC2500-RTR1
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 74 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 70Page - Texas Instruments CC2500-RTR1 Datasheet HTML 71Page - Texas Instruments CC2500-RTR1 Datasheet HTML 72Page - Texas Instruments CC2500-RTR1 Datasheet HTML 73Page - Texas Instruments CC2500-RTR1 Datasheet HTML 74Page - Texas Instruments CC2500-RTR1 Datasheet HTML 75Page - Texas Instruments CC2500-RTR1 Datasheet HTML 76Page - Texas Instruments CC2500-RTR1 Datasheet HTML 77Page - Texas Instruments CC2500-RTR1 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 99 page
background image
CC2500
SWRS040C
Page 74 of 89
0x1A: BSCFG – Bit Synchronization Configuration
Bit
Field Name
Reset
R/W
Description
7:6
BS_PRE_KI[1:0]
1 (01)
R/W
The clock recovery feedback loop integral gain to be used before a
sync word is detected (used to correct offsets in data rate):
Setting
Clock recovery loop integral gain before sync word
0 (00)
KI
1 (01)
2KI
2 (10)
3KI
3 (11)
4KI
5:4
BS_PRE_KP[1:0]
2 (10)
R/W
The clock recovery feedback loop proportional gain to be used
before a sync word is detected.
Setting
Clock recovery loop proportional gain before sync word
0 (00)
KP
1 (01)
2KP
2 (10)
3KP
3 (11)
4KP
3
BS_POST_KI
1
R/W
The clock recovery feedback loop integral gain to be used after a
sync word is detected.
Setting
Clock recovery loop integral gain after sync word
0
Same as BS_PRE_KI
1
KI /2
2
BS_POST_KP
1
R/W
The clock recovery feedback loop proportional gain to be used after
a sync word is detected.
Setting
Clock recovery loop proportional gain after sync word
0
Same as BS_PRE_KP
1
KP
1:0
BS_LIMIT[1:0]
0 (00)
R/W
The saturation point for the data rate offset compensation algorithm:
Setting
Data rate offset saturation (max data rate difference)
0 (00)
±0 (No data rate offset compensation performed)
1 (01)
±3.125% data rate offset
2 (10)
±6.25% data rate offset
3 (11)
±12.5% data rate offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com