Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC2500-RTR1
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 9Page - Texas Instruments CC2500-RTR1 Datasheet HTML 10Page - Texas Instruments CC2500-RTR1 Datasheet HTML 11Page - Texas Instruments CC2500-RTR1 Datasheet HTML 12Page - Texas Instruments CC2500-RTR1 Datasheet HTML 13Page - Texas Instruments CC2500-RTR1 Datasheet HTML 14Page - Texas Instruments CC2500-RTR1 Datasheet HTML 15Page - Texas Instruments CC2500-RTR1 Datasheet HTML 16Page - Texas Instruments CC2500-RTR1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
CC2500
SWRS040C
Page 13 of 89
4.6
Frequency Synthesizer Characteristics
Tc = 25
C, VDD = 3.0 V if nothing else stated. All measurement results obtained using the CC2500EM reference design
([4]). Min figures are given using a 27 MHz crystal. Typ and max figures are given using a 26 MHz crystal.
Parameter
Min
Typ
Max
Unit
Condition/Note
Programmed
frequency resolution
397
FXOSC/
2
16
412
Hz
26-27 MHz crystal.
Synthesizer frequency
tolerance
±40
ppm
Given by crystal used. Required accuracy (including
temperature and aging) depends on frequency band and
channel bandwidth / spacing.
–78
dBc/Hz
@ 50 kHz offset from carrier
–78
dBc/Hz
@ 100 kHz offset from carrier
–81
dBc/Hz
@ 200 kHz offset from carrier
–90
dBc/Hz
@ 500 kHz offset from carrier
–100
dBc/Hz
@ 1 MHz offset from carrier
–108
dBc/Hz
@ 2 MHz offset from carrier
–114
dBc/Hz
@ 5 MHz offset from carrier
RF carrier phase noise
–118
dBc/Hz
@ 10 MHz offset from carrier
PLL turn-on / hop time
85.1
88.4
88.4
s
Time from leaving the IDLE state until arriving in the RX,
FSTXON or TX state, when not performing calibration.
Crystal oscillator running.
PLL RX/TX settling
time
9.3
9.6
9.6
s
Settling time for the 1·IF frequency step from RX to TX
PLL TX/RX settling
time
20.7
21.5
21.5
s
Settling time for the 1·IF frequency step from TX to RX
PLL calibration time
694
721
721
s
Calibration can be initiated manually or automatically
before entering or after leaving RX/TX.
Table 9: Frequency Synthesizer Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com