Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 4 Page - Texas Instruments

  PCM2912 Datasheet HTML 1Page - Texas Instruments PCM2912 Datasheet HTML 2Page - Texas Instruments PCM2912 Datasheet HTML 3Page - Texas Instruments PCM2912 Datasheet HTML 4Page - Texas Instruments PCM2912 Datasheet HTML 5Page - Texas Instruments PCM2912 Datasheet HTML 6Page - Texas Instruments PCM2912 Datasheet HTML 7Page - Texas Instruments PCM2912 Datasheet HTML 8Page - Texas Instruments PCM2912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
PCM2912
SLES216 – FEBRUARY 2008
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted
PCM2912PJT
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
ADC CHARACTERISTICS
Resolution
16
Bits
Audio data channel
1
channel
8, 11.025, 16, 22.05, 32, 44.1,
Sampling frequency
kHz
48
DYNAMIC PERFORMANCE(6)
THD+N
VIN = –1 dB of 0.43 VCCA
0.01%
0.02%
Dynamic range
A-weighted
82
90
dB
S/N ratio
A-weighted
84
92
dB
DC ACCURACY
Gain error
±2
±10 % of FSR
Bipolar zero error
±0
% of FSR
ANALOG INPUT
Input voltage
0.43 VCCA
Vp-p
Center voltage
0.5 VCCA
V
–3 dB
150
kHz
Antialiasing filter frequency
response
fIN = 20 kHz
–0.08
dB
MICROPHONE AMPLIFIER
Gain
0
20
dB
Input impedance
20
k
Ω
INPUT PGA
Gain range
–12
30
dB
Gain step size
1
dB
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fS
Hz
Stop band
0.583 fS
Hz
Pass-band ripple
±0.02
dB
Stop-band attenuation
–65
dB
Delay time
17.4/fS
s
HPF frequency response
–3 dB
0.078 fS
MHz
(6)
fIN = 1 kHz, using Audio Precision™ System Two™, RMS mode with 20 kHz LPF, 400 Hz HPF in calculation. Mic amp = 0 dB, PGA =
0 dB.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com