Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 21Page - Texas Instruments PCM2912 Datasheet HTML 22Page - Texas Instruments PCM2912 Datasheet HTML 23Page - Texas Instruments PCM2912 Datasheet HTML 24Page - Texas Instruments PCM2912 Datasheet HTML 25Page - Texas Instruments PCM2912 Datasheet HTML 26Page - Texas Instruments PCM2912 Datasheet HTML 27Page - Texas Instruments PCM2912 Datasheet HTML 28Page - Texas Instruments PCM2912 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
www.ti.com
Suspend and Resume Sequence
D+
(pin 4),
D–
(pin 3)
SSPND
(pin 29)
5 ms
Idle
Active
Suspend
2.5 ms
Active
VOUT L (pin 18),
VOUT R (pin 22)
PCM2912
SLES216 – FEBRUARY 2008
The PCM2912 enters the suspend state after it sees a constant Idle state on the USB bus after approximately 5
ms. When the PCM2912 enters the suspend state, SSPND flag (pin 29) is asserted. The PCM2912 wakes up
immediately when detecting the non-idle state on the USB bus.
Figure 36. Suspend and Resume
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com