Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 19Page - Texas Instruments PCM2912 Datasheet HTML 20Page - Texas Instruments PCM2912 Datasheet HTML 21Page - Texas Instruments PCM2912 Datasheet HTML 22Page - Texas Instruments PCM2912 Datasheet HTML 23Page - Texas Instruments PCM2912 Datasheet HTML 24Page - Texas Instruments PCM2912 Datasheet HTML 25Page - Texas Instruments PCM2912 Datasheet HTML 26Page - Texas Instruments PCM2912 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
www.ti.com
INTERFACE SEQUENCE
Power-On, Attach, and Play Back Sequence
D+(pin 4),
D–(pin 3)
VOUT L (pin 18),
VOUT R (pin 22)
2.5 V (typ.)
0 V
700 µs
Internalreset
Readyforsetup
Devicesetup
1staudiodata
SOF
2ndaudiodata
1 ms
Readyforplayback
SSPND(pin 29)
Busreset
Setconfiguration
SOF
SOF
BusIdle
5.0 V
(typ.)
BPZ
V
(pin2)
BUS
PCM2912
SLES216 – FEBRUARY 2008
The PCM2912 is ready for setup when the reset sequence has finished and the USB bus is attached. After a
connection has been established by setup, the PCM2912 is ready to accept USB audio data. While awaiting the
audio data (idle state), the analog output is set to bipolar zero (BPZ).
When receiving the audio data, the PCM2912 stores the first audio packet, which contained 1-ms audio data, into
the internal storage buffer. The PCM2912 starts playing the audio data when detecting the following Start of
Frame (SOF) packet.
Figure 33. Initial Sequence
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com