Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 2 Page - Texas Instruments

  PCM2912 Datasheet HTML 1Page - Texas Instruments PCM2912 Datasheet HTML 2Page - Texas Instruments PCM2912 Datasheet HTML 3Page - Texas Instruments PCM2912 Datasheet HTML 4Page - Texas Instruments PCM2912 Datasheet HTML 5Page - Texas Instruments PCM2912 Datasheet HTML 6Page - Texas Instruments PCM2912 Datasheet HTML 7Page - Texas Instruments PCM2912 Datasheet HTML 8Page - Texas Instruments PCM2912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PCM2912
SLES216 – FEBRUARY 2008
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
over operating free-air temperature range (unless otherwise noted)
(1) (2)
PCM2912
UNIT
Supply voltage
VBUS
–0.3 to +6.5
V
Ground voltage differences: BGND, PGND, AGND, HGND, DGND
±0.1
V
Input voltage : VCCP, VCCA, VCCL, VCCR, VDD
–0.3 to 4
V
PLAY, REC.
–0.3 to 6.5
V
Digital input voltage
D+, D–, XTI, XTO, MMUTE, TEST0, TEST1, POWER, MAMP, SSPND
–0.3 to 4
V
Analog input voltage
MBIAS, VIN, VCOM1, VCOM2, VOUTL, VOUTR, FR, FL
–0.3 to 4
V
Input current (any pins except supplies)
±10
mA
Ambient temperature under bias
–40 to 125
°C
Storage temperature
–55 to 150
°C
Junction temperature
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VBUS
Supply voltage
4.35
5.00
5.25
V
Analog input voltage, full scale (–0 dB)
0.43 VCCA
Vp-p
Digital input logic family
TTL
Digital iInput clock frequency
5.997
6.000
6.003
MHz
Analog output load resistance
32
Ω
Analog output load capacitance
100
pF
Digital output load capacitance
10
pF
TA
Operating free-air temperature
–25
70
°C
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com