Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 14Page - Texas Instruments PCM2912 Datasheet HTML 15Page - Texas Instruments PCM2912 Datasheet HTML 16Page - Texas Instruments PCM2912 Datasheet HTML 17Page - Texas Instruments PCM2912 Datasheet HTML 18Page - Texas Instruments PCM2912 Datasheet HTML 19Page - Texas Instruments PCM2912 Datasheet HTML 20Page - Texas Instruments PCM2912 Datasheet HTML 21Page - Texas Instruments PCM2912 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
www.ti.com
USB INTERFACE
PCM2912
SLES216 – FEBRUARY 2008
Control data and audio data are transferred to the PCM2912 via D+ (pin 4) and D– (pin 3). All data to/from the
PCM2912 are performed in full-speed. The following information is described in the device descriptor. The device
descriptor can be modified on request.
Table 1. Device Descriptor
USB revision
2.0 compliant
Device class
0x00 (device defined interface level)
Device sub class
0x00 (not specified)
Device protocol
0x00 (not specified)
Max packet size for endpoint 0
8 byte
Vendor ID
0x08BB
Product ID
0x2910
Device release number
0x0100 (1.00)
Number of configurations
1
Vendor string
String #1 (refer to Table 3)
Product string
String #2 (refer to Table 3)
Serial number
Not supported
The following information is described in the configuration descriptor. The configuration descriptor can be
modified on request.
Table 2. Configuration Descriptor
Interface
3 interfaces
Power attribute
0x80 (Bus powered, no remote wakeup)
Max power
0x32 (100 mA at POWER=Low) / 0xFA (500mA at POWER = High)
The following information is described in the string descriptor. The string descriptor can be modified on request.
Table 3. String Descriptor
#0
0x0409
#1
Burr-Brown from TI
#2
USB audio CODEC
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com