Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 6Page - Texas Instruments PCM2912 Datasheet HTML 7Page - Texas Instruments PCM2912 Datasheet HTML 8Page - Texas Instruments PCM2912 Datasheet HTML 9Page - Texas Instruments PCM2912 Datasheet HTML 10Page - Texas Instruments PCM2912 Datasheet HTML 11Page - Texas Instruments PCM2912 Datasheet HTML 12Page - Texas Instruments PCM2912 Datasheet HTML 13Page - Texas Instruments PCM2912 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
www.ti.com
TYPICAL PERFORMANCE CURVES OF INTERNAL FILTER
ADC Digital Decimation Filter Frequency Response
OVERALL CHARACTERISTIC
-160
-120
-80
-40
0
0
8
16
24
32
NormalizedFrequency-xfS
STOP-BAND ATTENUATION
-100
-80
-60
-40
-20
0
0
0.2
0.4
0.6
0.8
1
NormalizedFrequency-xfS
TRANSIENT-BANDRESPONSE
-20
-16
-12
-8
-4
0
0.46
0.48
0.50
0.52
0.54
NormalizedFrequency-xfS
PASS-BANDRIPPLE
-0.8
-0.6
-0.4
-0.2
0
0.2
0
0.1
0.2
0.3
0.4
0.5
NormalizedFrequency-xfS
PCM2912
SLES216 – FEBRUARY 2008
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted.
Figure 1.
Figure 2.
Figure 3.
Figure 4.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com