Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 13Page - Texas Instruments PCM2912 Datasheet HTML 14Page - Texas Instruments PCM2912 Datasheet HTML 15Page - Texas Instruments PCM2912 Datasheet HTML 16Page - Texas Instruments PCM2912 Datasheet HTML 17Page - Texas Instruments PCM2912 Datasheet HTML 18Page - Texas Instruments PCM2912 Datasheet HTML 19Page - Texas Instruments PCM2912 Datasheet HTML 20Page - Texas Instruments PCM2912 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
www.ti.com
Supply Current
SUPPLY CURRENTvsSUPPLY VOLTAGE
50
60
70
80
90
100
4.2
4.45
4.7
4.95
5.2
0.0
0.1
0.2
0.3
0.4
0.5
SuspendCurrent
Operationalcurrent
V
-SupplyVoltage-V
BUS
SUPPLY CURRENTvsSAMPLINGFREQUENCY
50
60
70
80
90
100
30
35
40
45
50
f -SamplingFrequency-kHz
S
SUPPLY CURRENTvsTEMPERATUREatSUSPENDMODE
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-40
-20
0
20
40
60
80
100
USBspeclimitfordevice=0.3mA
T -Free-AirTemperature-°C
A
PCM2912
SLES216 – FEBRUARY 2008
TYPICAL PERFORMANCE CURVES (continued)
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted.
Figure 28.
Figure 29.
Figure 30.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com