Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 2Page - Texas Instruments PCM2912 Datasheet HTML 3Page - Texas Instruments PCM2912 Datasheet HTML 4Page - Texas Instruments PCM2912 Datasheet HTML 5Page - Texas Instruments PCM2912 Datasheet HTML 6Page - Texas Instruments PCM2912 Datasheet HTML 7Page - Texas Instruments PCM2912 Datasheet HTML 8Page - Texas Instruments PCM2912 Datasheet HTML 9Page - Texas Instruments PCM2912 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ti.com
PCM2912
SLES216 – FEBRUARY 2008
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted
PCM2912PJT
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DIGITAL FILTER PERFORMANCE
Pass band
0.445 fS
Hz
Stop band
0.555 fS
Hz
Pass-band ripple
±0.1
dB
Stop-band attenuation
–43
dB
Delay time
14.3/fS
s
POWER SUPPLY REQUIREMENTS
VBUS
Voltage range
Bus-powered
4.35
5.0
5.25
VDC
ADC, DAC operation (RL = 32 Ω)
85
100
mA
Supply current
Suspend mode(9)
220
300
µA
ADC, DAC Operation
425
500
mW
Power dissipation
Suspend mode(9)
0.8
1
mW
VCCP,VCCL,
Internally generated power
VCCR,VCCA,
3
3.3
3.6
VDC
supply voltage(10)
VDD
TEMPERATURE RANGE
Operation temperature
–25
85
°C
θ
JA
Thermal resistance
32-pin TQFP
80
°C/W
(9)
Under USB suspend state
(10) Pins 5, 15, 19, 21, 26: VDD, VCCA, VCCL, VCCR, VCCP.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com