Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1778 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 1 Page - Linear Technology

  LTC1778 Datasheet HTML 1Page - Linear Technology LTC1778 Datasheet HTML 2Page - Linear Technology LTC1778 Datasheet HTML 3Page - Linear Technology LTC1778 Datasheet HTML 4Page - Linear Technology LTC1778 Datasheet HTML 5Page - Linear Technology LTC1778 Datasheet HTML 6Page - Linear Technology LTC1778 Datasheet HTML 7Page - Linear Technology LTC1778 Datasheet HTML 8Page - Linear Technology LTC1778 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1778/LTC1778-1
1778fb
Wide Operating Range,
No RSENSE
TM Step-Down Controller
■ No Sense Resistor Required
■ True Current Mode Control
■ Optimized for High Step-Down Ratios
■ tON(MIN) ≤ 100ns
■ Extremely Fast Transient Response
■ Stable with Ceramic COUT
■ Dual N-Channel MOSFET Synchronous Drive
■ Power Good Output Voltage Monitor (LTC1778)
■ Adjustable On-Time (LTC1778-1)
■ Wide VIN Range: 4V to 36V
■ ±1% 0.8V Voltage Reference
■ Adjustable Current Limit
■ Adjustable Switching Frequency
■ Programmable Soft-Start
■ Output Overvoltage Protection
■ Optional Short-Circuit Shutdown Timer
■ Micropower Shutdown: IQ < 30µA
■ Available in a 16-Pin Narrow SSOP Package
■
Notebook and Palmtop Computers
■ Distributed Power Systems
The LTC
®1778 is a synchronous step-down switching
regulator controller optimized for CPU power. The con-
troller uses a valley current control architecture to deliver
very low duty cycles with excellent transient response
without requiring a sense resistor. Operating frequency is
selected by an external resistor and is compensated for
variations in VIN.
Discontinuous mode operation provides high efficiency
operation at light loads. A forced continuous control pin
reduces noise and RF interference, and can assist second-
ary winding regulation by disabling discontinuous opera-
tion when the main output is lightly loaded.
Fault protection is provided by internal foldback current
limiting, an output overvoltage comparator and optional
short-circuit shutdown timer. Soft-start capability for sup-
ply sequencing is accomplished using an external timing
capacitor. The regulator current limit level is user program-
mable. Wide supply range allows operation from 4V to 36V
at the input and from 0.8V up to (0.9)VIN at the output.
Figure 1. High Efficiency Step-Down Converter
Efficiency vs Load Current
+
DB
CMDSH-3
D1
B340A
L1
1.8µH
CVCC
4.7µF
CIN
10µF
50V
×3
VIN
5V TO 28V
VOUT
2.5V
10A
+
COUT
180µF
4V
×2
M2
Si4874
1778 F01a
M1
Si4884
RON
1.4MΩ
CSS
0.1µF
ION
VIN
TG
SW
BOOST
RUN/SS
ITH
SGND
INTVCC
BG
PGND
VFB
PGOOD
CB 0.22µF
RC
20k
LTC1778
CC
500pF
R2
30.1k
R1
14k
LOAD CURRENT (A)
0.01
80
90
1778 F01b
70
60
0.1
1
10
100
VIN = 5V
VOUT = 2.5V
VIN = 25V
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
No RSENSE is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 6100678, 6580258, 5847554, 6304066


Similar Part No. - LTC1778

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1778 LINER-LTC1778 Datasheet
303Kb / 24P
Wide Operating Range, No RSENSE TM Step-Down Controller
REV A
LTC1778 LINER-LTC1778 Datasheet
312Kb / 26P
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC1778 LINER-LTC1778 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC1778 LINER-LTC1778 Datasheet
205Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LTC1778 LINER-LTC1778 Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1778

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3778 LINER-LTC3778 Datasheet
297Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778 Datasheet
303Kb / 24P
Wide Operating Range, No RSENSE TM Step-Down Controller
REV A
LT3740 LINER-LT3740 Datasheet
232Kb / 20P
Wide Operating Range, Valley Mode, No RSENSE??Synchronous Step-Down Controller
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1_15 Datasheet
278Kb / 20P
Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3778 LINER-LTC3778_15 Datasheet
310Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778_15 Datasheet
272Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1778-1 LINER-LTC1778-1_15 Datasheet
272Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC3879 LINER-LTC3879_15 Datasheet
312Kb / 28P
Fast, Wide Operating Range No RSENSE Step-Down Controller
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com