Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1778 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1778 Datasheet HTML 12Page - Linear Technology LTC1778 Datasheet HTML 13Page - Linear Technology LTC1778 Datasheet HTML 14Page - Linear Technology LTC1778 Datasheet HTML 15Page - Linear Technology LTC1778 Datasheet HTML 16Page - Linear Technology LTC1778 Datasheet HTML 17Page - Linear Technology LTC1778 Datasheet HTML 18Page - Linear Technology LTC1778 Datasheet HTML 19Page - Linear Technology LTC1778 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC1778/LTC1778-1
1778fb
reduces the start delay while allowing CSS to charge up
slowly for the soft-start function.
After the controller has been started and given adequate
time to charge up the output capacitor, CSS is used as a
short-circuit timer. After the RUN/SS pin charges above
4V, if the output voltage falls below 75% of its regulated
value, then a short-circuit fault is assumed. A 1.8µA cur-
rent then begins discharging CSS. If the fault condition
persists until the RUN/SS pin drops to 3.5V, then the con-
troller turns off both power MOSFETs, shutting down the
converter permanently. The RUN/SS pin must be actively
pulled down to ground in order to restart operation.
The overcurrent protection timer requires that the soft-start
timing capacitor CSS be made large enough to guarantee
that the output is in regulation by the time CSS has reached
the 4V threshold. In general, this will depend upon the size
of the output capacitance, output voltage and load current
characteristic. A minimum soft-start capacitor can be
estimated from:
CSS > COUT VOUT RSENSE (10 –4 [F/V s])
Generally 0.1µF is more than sufficient.
Overcurrent latchoff operation is not always needed or
desired. Load current is already limited during a short-
circuit by the current foldback circuitry and latchoff
operation can prove annoying during troubleshooting.
The feature can be overridden by adding a pull-up current
greater than 5µA to the RUN/SS pin. The additional
current prevents the discharge of CSS during a fault and
also shortens the soft-start period. Using a resistor to VIN
as shown in Figure 8a is simple, but slightly increases
shutdown current. Connecting a resistor to INTVCC as
shown in Figure 8b eliminates the additional shutdown
current, but requires a diode to isolate CSS . Any pull-up
network must be able to pull RUN/SS above the 4.2V
maximum threshold of the latchoff circuit and overcome
the 4µA maximum discharge current.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Although all dissipative
elements in the circuit produce losses, four main sources
account for most of the losses in LTC1778 circuits:
1. DC I2R losses. These arise from the resistances of the
MOSFETs, inductor and PC board traces and cause the
efficiency to drop at high output currents. In continuous
mode the average output current flows through L, but is
chopped between the top and bottom MOSFETs. If the two
MOSFETs have approximately the same RDS(ON), then the
resistance of one MOSFET can simply be summed with the
resistances of L and the board traces to obtain the DC I2R
loss. For example, if RDS(ON) = 0.01Ω and RL = 0.005Ω, the
loss will range from 15mW to 1.5W as the output current
varies from 1A to 10A.
2. Transition loss. This loss arises from the brief amount
of time the top MOSFET spends in the saturated region
during switch node transitions. It depends upon the input
voltage, load current, driver strength and MOSFET
capacitance, among other factors. The loss is significant
at input voltages above 20V and can be estimated from:
Transition Loss ≅ (1.7A–1) VIN2 IOUT CRSS f
3. INTVCC current. This is the sum of the MOSFET driver
and control currents. This loss can be reduced by supply-
ing INTVCC current through the EXTVCC pin from a high
efficiency source, such as an output derived boost net-
work or alternate supply if available.
4. CIN loss. The input capacitor has the difficult job of
filtering the large RMS input current to the regulator. It
must have a very low ESR to minimize the AC I2R loss and
sufficient capacitance to prevent the RMS current from
causing additional upstream losses in fuses or batteries.
APPLICATIO S I FOR ATIO
Figure 8. RUN/SS Pin Interfacing with Latchoff Defeated
3.3V OR 5V
RUN/SS
VIN
INTVCC
RUN/SS
D1
(8a)
(8b)
D2*
CSS
RSS*
CSS
*OPTIONAL TO OVERRIDE
OVERCURRENT LATCHOFF
RSS*
1778 F08
2N7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com