Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1778 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 3 Page - Linear Technology

  LTC1778 Datasheet HTML 1Page - Linear Technology LTC1778 Datasheet HTML 2Page - Linear Technology LTC1778 Datasheet HTML 3Page - Linear Technology LTC1778 Datasheet HTML 4Page - Linear Technology LTC1778 Datasheet HTML 5Page - Linear Technology LTC1778 Datasheet HTML 6Page - Linear Technology LTC1778 Datasheet HTML 7Page - Linear Technology LTC1778 Datasheet HTML 8Page - Linear Technology LTC1778 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1778/LTC1778-1
1778fb
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 15V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life of
a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD as follows:
LTC1778E: TJ = TA + (PD • 130°C/W)
Note 3: The LTC1778 is tested in a feedback loop that adjusts VFB to achieve
a specified error amplifier output voltage (ITH).
Note 4: The LTC1778E is guaranteed to meet performance specifications from
0°C to 70°C. Specifications over the –40°C to 85°C operating temperature
range are assured by design, characterization and correlation with statistical
process controls. The LTC1778I is guaranteed over the full – 40°C to 125°C
operating temperature range.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tOFF(MIN)
Minimum Off-Time
ION = 30µA
250
400
ns
VSENSE(MAX)
Maximum Current Sense Threshold
VRNG = 1V, VFB = 0.76V
●
113
133
153
mV
VPGND – VSW
VRNG = 0V, VFB = 0.76V
●
79
93
107
mV
VRNG = INTVCC, VFB = 0.76V
●
158
186
214
mV
VSENSE(MIN)
Minimum Current Sense Threshold
VRNG = 1V, VFB = 0.84V
– 67
mV
VPGND – VSW
VRNG = 0V, VFB = 0.84V
– 47
mV
VRNG = INTVCC, VFB = 0.84V
– 93
mV
∆VFB(OV)
Output Overvoltage Fault Threshold
5.5
7.5
9.5
%
VFB(UV)
Output Undervoltage Fault Threshold
520
600
680
mV
VRUN/SS(ON)
RUN Pin Start Threshold
●
0.8
1.5
2
V
VRUN/SS(LE)
RUN Pin Latchoff Enable Threshold
RUN/SS Pin Rising
4
4.5
V
VRUN/SS(LT)
RUN Pin Latchoff Threshold
RUN/SS Pin Falling
3.5
4.2
V
IRUN/SS(C)
Soft-Start Charge Current
VRUN/SS = 0V
– 0.5
– 1.2
–3
µA
IRUN/SS(D)
Soft-Start Discharge Current
VRUN/SS = 4.5V, VFB = 0V
0.8
1.8
3
µA
VIN(UVLO)
Undervoltage Lockout
VIN Falling
●
3.4
3.9
V
VIN(UVLOR)
Undervoltage Lockout Release
VIN Rising
●
3.5
4
V
TG RUP
TG Driver Pull-Up On Resistance
TG High
2
3
Ω
TG RDOWN
TG Driver Pull-Down On Resistance
TG Low
2
3
Ω
BG RUP
BG Driver Pull-Up On Resistance
BG High
3
4
Ω
BG RDOWN
BG Driver Pull-Down On Resistance
BG Low
1
2
Ω
TG tr
TG Rise Time
CLOAD = 3300pF
20
ns
TG tf
TG Fall Time
CLOAD = 3300pF
20
ns
BG tr
BG Rise Time
CLOAD = 3300pF
20
ns
BG tf
BG Fall Time
CLOAD = 3300pF
20
ns
Internal VCC Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
●
4.7
5
5.3
V
∆VLDO(LOADREG)
Internal VCC Load Regulation
ICC = 0mA to 20mA, VEXTVCC = 4V
– 0.1
±2%
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, VEXTVCC Rising
●
4.5
4.7
V
∆VEXTVCC
EXTVCC Switch Drop Voltage
ICC = 20mA, VEXTVCC = 5V
150
300
mV
∆VEXTVCC(HYS)
EXTVCC Switchover Hysteresis
200
mV
PGOOD Output (LTC1778 Only)
∆VFBH
PGOOD Upper Threshold
VFB Rising
5.5
7.5
9.5
%
∆VFBL
PGOOD Lower Threshold
VFB Falling
– 5.5
– 7.5
– 9.5
%
∆VFB(HYS)
PGOOD Hysteresis
VFB Returning
1
2
%
VPGL
PGOOD Low Voltage
IPGOOD = 5mA
0.15
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com