Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1778 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1778 Datasheet HTML 16Page - Linear Technology LTC1778 Datasheet HTML 17Page - Linear Technology LTC1778 Datasheet HTML 18Page - Linear Technology LTC1778 Datasheet HTML 19Page - Linear Technology LTC1778 Datasheet HTML 20Page - Linear Technology LTC1778 Datasheet HTML 21Page - Linear Technology LTC1778 Datasheet HTML 22Page - Linear Technology LTC1778 Datasheet HTML 23Page - Linear Technology LTC1778 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LTC1778/LTC1778-1
1778fb
1.5V/10A at 300kHz from 3.3V Input
TYPICAL APPLICATIO S
1.2V/6A at 300kHz
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RUN/SS
PGOOD
VRNG
FCB
ITH
SGND
ION
VFB
BOOST
TG
SW
PGND
BG
INTVCC
VIN
EXTVCC
LTC1778
+
M2
IRF7811A
M1
IRF7811A
L1, 0.68µH
D1
B320B
COUT
270µF
2V
×2
CIN1-2
22µF
6.3V
×2
+
CIN3
330µF
6.3V
VIN
3.3V
VOUT
1.5V
10A
CSS
0.1µF
CC1
680pF
CC2
100pF
CVCC
4.7µF
CB
0.22µF
RC
20k
R1
10k
RON
576k
R2
8.87k
DB
CMDSH-3
1778 TA01
CIN1-2: MURATA GRM42-2X5R226K6.3
COUT: CORNELL DUBILIER ESRE271M02B
RPG
100k
RR1
11k
RR2
39k
5V
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RUN/SS
PGOOD
VRNG
FCB
ITH
SGND
ION
VFB
BOOST
TG
SW
PGND
BG
INTVCC
VIN
EXTVCC
LTC1778
+
M2
1/2 FDS6982S
M1
1/2 FDS6982S
L1
1.8µH
COUT1
180µF
2V
COUT2
10µF
6.3V
CIN
10µF
25V
×2
VIN
5V TO 25V
VOUT
1.2V
6A
CSS
0.1µF
CC1
470pF
C2
2200pF
CC2
100pF
CVCC
4.7µF
CF
0.1µF
CB
0.22µF
RC
20k
R1
20k
RON
510k
R2
10k
DB
CMDSH-3
1778 TA02
CIN: TAIYO YUDEN TMK432BJ106MM
COUT1: CORNELL DUBILIER ESRD181M02B
COUT2: TAIYO YUDEN JMK316BJ106ML
L1: TOKO 919AS-1R8N
RPG
100k
RF
1Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com