Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1778 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1778 Datasheet HTML 16Page - Linear Technology LTC1778 Datasheet HTML 17Page - Linear Technology LTC1778 Datasheet HTML 18Page - Linear Technology LTC1778 Datasheet HTML 19Page - Linear Technology LTC1778 Datasheet HTML 20Page - Linear Technology LTC1778 Datasheet HTML 21Page - Linear Technology LTC1778 Datasheet HTML 22Page - Linear Technology LTC1778 Datasheet HTML 23Page - Linear Technology LTC1778 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1778/LTC1778-1
1778fb
PART NUMBER
DESCRIPTION
COMMENTS
LTC1622
550kHz Step-Down Controller
8-Pin MSOP; Synchronizable; Soft-Start; Current Mode
LTC1625/LTC1775
No RSENSE Current Mode Synchronous Step-Down Controller
97% Efficiency; No Sense Resistor; 16-Pin SSOP
LTC1628-PG
Dual, 2-Phase Synchronous Step-Down Controller
Power Good Output; Minimum Input/Output Capacitors;
3.5V ≤ VIN ≤ 36V
LTC1628-SYNC
Dual, 2-Phase Synchronous Step-Down Controller
Synchronizable 150kHz to 300kHz
LTC1709-7
High Efficiency, 2-Phase Synchronous Step-Down Controller
Up to 42A Output; 0.925V ≤ VOUT ≤ 2V
with 5-Bit VID
LTC1709-8
High Efficiency, 2-Phase Synchronous Step-Down Controller
Up to 42A Output; VRM 8.4; 1.3V ≤ VOUT ≤ 3.5V
LTC1735
High Efficiency, Synchronous Step-Down Controller
Burst Mode
® Operation; 16-Pin Narrow SSOP;
3.5V ≤ VIN ≤ 36V
LTC1736
High Efficiency, Synchronous Step-Down Controller with 5-Bit VID
Mobile VID; 0.925V ≤ VOUT ≤ 2V; 3.5V ≤ VIN ≤ 36V
LTC1772
SOT-23 Step-Down Controller
Current Mode; 550kHz; Very Small Solution Size
LTC1773
Synchronous Step-Down Controller
Up to 95% Efficiency, 550kHz, 2.65V ≤ VIN ≤ 8.5V,
0.8V ≤ VOUT ≤ VIN, Synchronizable to 750kHz
LTC1876
2-Phase, Dual Synchronous Step-Down Controller with
3.5V ≤ VIN ≤ 36V, Power Good Output, 300kHz Operation
Step-Up Regulator
LTC3713
Low VIN High Current Synchronous Step-Down Controller
1.5V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ (0.9)VIN, IOUT Up to 20A
LTC3778
Low VOUT, No RSENSE Synchronous Step-Down Controller
0.6V ≤ VOUT ≤ (0.9)VIN, 4V ≤ VIN ≤ 36V, IOUT Up to 20A
LT
®3800
60V Synchronous Step-Down Controller
Current Mode, Output Slew Rate Control
Burst Mode is a registered trademark of Linear Technology Corporation.
© LINEAR TECHNOLOGY CORPORATION 2001
LT/LT 0405 REV B • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS
TYPICAL APPLICATIO
Typical Application 2.5V/3A at 1.4MHz
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RUN/SS
PGOOD
VRNG
FCB
ITH
SGND
ION
VFB
BOOST
TG
SW
PGND
BG
INTVCC
VIN
EXTVCC
LTC1778
+
M2
1/2 Si9802
M1
1/2 Si9802
L1, 1µH
COUT
120µF
4V
CIN
10µF
25V
VIN
9V TO 18V
VOUT
2.5V
3A
CSS
0.1µF
CC1
470pF
CC2
100pF
C2
2200pF
CVCC
4.7µF
CF
0.1µF
CB
0.22µF
RC
33k
R1
11.5k
RON
220k
R2
24.9k
RF
1Ω
DB
CMDSH-3
1778 TA03
CIN: TAIYO YUDEN TMK432BJ106MM
COUT: CORNELL DUBILIER ESRD121M04B
L1: TOKO A921CY-1R0M
RPG
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com