Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1778 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1778 Datasheet HTML 9Page - Linear Technology LTC1778 Datasheet HTML 10Page - Linear Technology LTC1778 Datasheet HTML 11Page - Linear Technology LTC1778 Datasheet HTML 12Page - Linear Technology LTC1778 Datasheet HTML 13Page - Linear Technology LTC1778 Datasheet HTML 14Page - Linear Technology LTC1778 Datasheet HTML 15Page - Linear Technology LTC1778 Datasheet HTML 16Page - Linear Technology LTC1778 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1778/LTC1778-1
1778fb
ripple. Highest efficiency operation is obtained at low
frequency with small ripple current. However, achieving
this requires a large inductor. There is a tradeoff between
component size, efficiency and operating frequency.
A reasonable starting point is to choose a ripple current
that is about 40% of IOUT(MAX). The largest ripple current
occurs at the highest VIN. To guarantee that ripple current
does not exceed a specified maximum, the inductance
should be chosen according to:
L
V
fI
V
V
OUT
LMAX
OUT
IN MAX
=
⎛
⎝
⎜
⎞
⎠
⎟
−
⎛
⎝
⎜
⎞
⎠
⎟
∆ ()
()
1
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron
cores, forcing the use of more expensive ferrite, molyper-
malloy or Kool Mµ
® cores. A variety of inductors designed
for high current, low voltage applications are available
from manufacturers such as Sumida, Panasonic, Coil-
tronics, Coilcraft and Toko.
Schottky Diode D1 Selection
The Schottky diode D1 shown in Figure 1 conducts during
the dead time between the conduction of the power
MOSFET switches. It is intended to prevent the body diode
of the bottom MOSFET from turning on and storing charge
during the dead time, which can cause a modest (about
1%) efficiency loss. The diode can be rated for about one
half to one fifth of the full load current since it is on for only
a fraction of the duty cycle. In order for the diode to be
effective, the inductance between it and the bottom MOS-
FET must be as small as possible, mandating that these
components be placed adjacently. The diode can be omit-
ted if the efficiency loss is tolerable.
CIN and COUT Selection
The input capacitance CIN is required to filter the square
wave current at the drain of the top MOSFET. Use a low
ESR capacitor sized to handle the maximum RMS current.
II
V
V
V
V
RMS
OUT MAX
OUT
IN
IN
OUT
≅
()
–1
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT(MAX)/ 2. This simple worst-case condition is
commonly used for design because even significant
deviations do not offer much relief. Note that ripple
current ratings from capacitor manufacturers are often
based on only 2000 hours of life which makes it advisable
to derate the capacitor.
The selection of COUT is primarily determined by the ESR
required to minimize voltage ripple and load step
transients. The output ripple ∆VOUT is approximately
bounded by:
∆≤ ∆
+
⎛
⎝
⎜
⎞
⎠
⎟
V
I ESR
fC
OUT
L
OUT
1
8
Since ∆IL increases with input voltage, the output ripple is
highest at maximum input voltage. Typically, once the ESR
requirement is satisfied, the capacitance is adequate for
filtering and has the necessary RMS current rating.
Multiple capacitors placed in parallel may be needed to
meet the ESR and RMS current handling requirements.
Dry tantalum, special polymer, aluminum electrolytic and
ceramic capacitors are all available in surface mount
packages. Special polymer capacitors offer very low ESR
but have lower capacitance density than other types.
Tantalum capacitors have the highest capacitance density
but it is important to only use types that have been surge
tested for use in switching power supplies. Aluminum
electrolytic capacitors have significantly higher ESR, but
can be used in cost-sensitive applications providing that
consideration is given to ripple current ratings and long
term reliability. Ceramic capacitors have excellent low
ESR characteristics but can have a high voltage coefficient
and audible piezoelectric effects. The high Q of ceramic
capacitors with trace inductance can also lead to signifi-
cant ringing. When used as input capacitors, care must be
taken to ensure that ringing from inrush currents and
switching does not pose an overvoltage hazard to the
power switches and controller. To dampen input voltage
transients, add a small 5µF to 50µF aluminum electrolytic
capacitor with an ESR in the range of 0.5Ω to 2Ω. High
performance through-hole capacitors may also be used,
APPLICATIO S I FOR ATIO
Kool Mµ is a registered trademark of Magnetics, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com