Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1778 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1778 Datasheet HTML 10Page - Linear Technology LTC1778 Datasheet HTML 11Page - Linear Technology LTC1778 Datasheet HTML 12Page - Linear Technology LTC1778 Datasheet HTML 13Page - Linear Technology LTC1778 Datasheet HTML 14Page - Linear Technology LTC1778 Datasheet HTML 15Page - Linear Technology LTC1778 Datasheet HTML 16Page - Linear Technology LTC1778 Datasheet HTML 17Page - Linear Technology LTC1778 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1778/LTC1778-1
1778fb
but an additional ceramic capacitor in parallel is recom-
mended to reduce the effect of their lead inductance.
Top MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor CB connectedtotheBOOST
pin supplies the gate drive voltage for the topside MOSFET.
This capacitor is charged through diode DB from INTVCC
when the switch node is low. When the top MOSFET turns
on, the switch node rises to VIN and the BOOST pin rises
to approximately VIN + INTVCC. The boost capacitor needs
to store about 100 times the gate charge required by the
top MOSFET. In most applications 0.1µF to 0.47µF, X5R or
X7R dielectric capacitor is adequate.
Discontinuous Mode Operation and FCB Pin
The FCB pin determines whether the bottom MOSFET
remains on when current reverses in the inductor. Tying
this pin above its 0.8V threshold enables discontinuous
operation where the bottom MOSFET turns off when
inductor current reverses. The load current at which
current reverses and discontinuous operation begins de-
pends on the amplitude of the inductor ripple current and
will vary with changes in VIN. Tying the FCB pin below the
0.8V threshold forces continuous synchronous operation,
allowing current to reverse at light loads and maintaining
high frequency operation.
In addition to providing a logic input to force continuous
operation, the FCB pin provides a means to maintain a
flyback winding output when the primary is operating in
discontinuous mode. The secondary output VOUT2 is nor-
mally set as shown in Figure 6 by the turns ratio N of the
transformer. However, if the controller goes into discon-
tinuous mode and halts switching due to a light primary
load current, then VOUT2 will droop. An external resistor
divider from VOUT2 to the FCB pin sets a minimum voltage
VOUT2(MIN) below which continuous operation is forced
until VOUT2 has risen above its minimum.
VV
R
R
OUT MIN
2
08
1
4
3
()
.
=+
⎛
⎝
⎜
⎞
⎠
⎟
Fault Conditions: Current Limit and Foldback
The maximum inductor current is inherently limited in a
current mode controller by the maximum sense voltage. In
the LTC1778, the maximum sense voltage is controlled by
the voltage on the VRNG pin. With valley current control,
the maximum sense voltage and the sense resistance
determine the maximum allowed inductor valley current.
The corresponding output current limit is:
I
V
R
I
LIMIT
SNS MAX
DS ON
T
L
=+ ∆
()
() ρ
1
2
The current limit value should be checked to ensure that
ILIMIT(MIN) > IOUT(MAX). The minimum value of current limit
generally occurs with the largest VIN at the highest ambi-
ent temperature, conditions that cause the largest power
loss in the converter. Note that it is important to check for
self-consistency between the assumed MOSFET junction
temperature and the resulting value of ILIMIT which heats
the MOSFET switches.
Caution should be used when setting the current limit
based upon the RDS(ON) of the MOSFETs. The maximum
current limit is determined by the minimum MOSFET on-
resistance. Data sheets typically specify nominal and
maximum values for RDS(ON), but not a minimum. A
reasonable assumption is that the minimum RDS(ON) lies
the same amount below the typical value as the maximum
lies above it. Consult the MOSFET manufacturer for further
guidelines.
To further limit current in the event of a short circuit to
ground, the LTC1778 includes foldback current limiting. If
the output falls by more than 25%, then the maximum
sense voltage is progressively lowered to about one sixth
of its full value.
APPLICATIO S I FOR ATIO
Figure 6. Secondary Output Loop and EXTVCC Connection
VIN
LTC1778
SGND
FCB
EXTVCC
TG
SW
OPTIONAL
EXTVCC
CONNECTION
5V < VOUT2 < 7V
R3
R4
1778 F06
T1
1:N
BG
PGND
+
COUT2
1µF
VOUT1
VOUT2
VIN
+
CIN
1N4148
• +
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com