Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1778 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1778 Datasheet HTML 2Page - Linear Technology LTC1778 Datasheet HTML 3Page - Linear Technology LTC1778 Datasheet HTML 4Page - Linear Technology LTC1778 Datasheet HTML 5Page - Linear Technology LTC1778 Datasheet HTML 6Page - Linear Technology LTC1778 Datasheet HTML 7Page - Linear Technology LTC1778 Datasheet HTML 8Page - Linear Technology LTC1778 Datasheet HTML 9Page - Linear Technology LTC1778 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1778/LTC1778-1
1778fb
FCB Pin Current vs Temperature
RUN/SS Pin Current
vs Temperature
RUN/SS Latchoff Thresholds
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
TEMPERATURE (°C)
–50
–0.50
–0.25
0
25
75
1778 G15
–0.75
–1.00
–25
0
50
100
125
–1.25
–1.50
TEMPERATURE (°C)
–50
–25
–2
0
3
0
50
75
1778 G16
–1
2
1
25
100
125
PULL-UP CURRENT
PULL-DOWN CURRENT
TEMPERATURE (°C)
–50
3.0
3.5
4.0
4.5
5.0
–25
0
25
50
1778 G17
75
100
125
LATCHOFF ENABLE
LATCHOFF THRESHOLD
TEMPERATURE (C)
–50
2.0
2.5
3.0
3.5
4.0
–25
0
25
50
1778 G18
75
100
125
TYPICAL PERFOR A CE CHARACTERISTICS
EXTVCC Switch Resistance
vs Temperature
TEMPERATURE (°C)
–50
–25
0
4
10
0
50
75
1778 G14
2
8
6
25
100
125
INPUT VOLTAGE (V)
0
800
1000
1200
15
25
1778 G24
600
400
510
20
30
35
200
0
30
40
60
50
20
10
0
EXTVCC OPEN
EXTVCC = 5V
SHUTDOWN
INTVCC LOAD CURRENT (mA)
0
–0.2
–0.1
0
40
1778 G25
–0.3
–0.4
–0.5
10
20
30
50
Input and Shutdown Currents
vs Input Voltage
INTVCC Load Regulation
Error Amplifier gm vs Temperature
TEMPERATURE (°C)
–50
–25
1.0
1.4
2.0
0
50
75
1778 G13
1.2
1.8
1.6
25
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com