Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7290 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7290
Description  1.5MHz, 1A Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7290 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7290 Datasheet HTML 3Page - Anpec Electronics Coropration APW7290 Datasheet HTML 4Page - Anpec Electronics Coropration APW7290 Datasheet HTML 5Page - Anpec Electronics Coropration APW7290 Datasheet HTML 6Page - Anpec Electronics Coropration APW7290 Datasheet HTML 7Page - Anpec Electronics Coropration APW7290 Datasheet HTML 8Page - Anpec Electronics Coropration APW7290 Datasheet HTML 9Page - Anpec Electronics Coropration APW7290 Datasheet HTML 10Page - Anpec Electronics Coropration APW7290 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2013
www.anpec.com.tw
7
APW7290
Pin Description
PIN
NO.
NAME
Function
1
GND
Power and Signal Ground.
2
VIN
Device and Converter Supply Pin. Must be closely decoupled to GND with a 4.7
µF or greater ceramic
capacitor.
3
RUN
Enable Control Input. Forcing this pin above 1.0V enables the device. Forcing this pin below 0.4V shuts
it down. In shutdown, all functions are disabled to decrease the supply current below 0.5µA. Do not
leave RUN pin floating.
4
LBI
Low-battery comparator input. Internally set to trip at 0.6V.
5
FB
Feedback Input Pin and output voltage select Pin. The buck regulator senses feedback voltage via FB
and regulates the FB voltage at 0.6V. Connecting FB with a resistor-divider from the output sets the
output voltage of the buck converter. If FB connects to GND, VOUT is fixed 1.8V.
6
VOUT
Output Voltage. Output voltage feedback input if FB pin is connected to VOUT or GND.
7
SW
Switch Node Connected to Inductor. This pin connects to the drains of the internal main and
synchronous power MOSFETs switches.
8
LBO
Open-drain low battery comparator output. Connect LBO to OUT through a 100k
Ω resistor. LBO is low
as VLBI < 0.6V. Open-drain device is turned off during shutdown.
Block Diagram
Oscillator
Logic Control
SW
Over-
Temperature
Protection
VREF
0.6V
EAMP
COMP
ICMP
Soft-
start
Error
Amplifier
Zero-Crossing
Comparator
Current
Limit
Slope
Compensation
VIN
Current Sense
Amplifier
Shutdown
Control
∑
FB
RUN
GND
Gate
Driver
VOUT
VOUT
Selector
0.6V
LBI
LBO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com