Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7290 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7290
Description  1.5MHz, 1A Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7290 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7290 Datasheet HTML 1Page - Anpec Electronics Coropration APW7290 Datasheet HTML 2Page - Anpec Electronics Coropration APW7290 Datasheet HTML 3Page - Anpec Electronics Coropration APW7290 Datasheet HTML 4Page - Anpec Electronics Coropration APW7290 Datasheet HTML 5Page - Anpec Electronics Coropration APW7290 Datasheet HTML 6Page - Anpec Electronics Coropration APW7290 Datasheet HTML 7Page - Anpec Electronics Coropration APW7290 Datasheet HTML 8Page - Anpec Electronics Coropration APW7290 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2013
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
1.5MHz, 1A Synchronous Buck Regulator
APW7290
Features
General Description
1A Output Current
Support 4 AA alkaline, NiCd or NiMH batteries
Wide 3.5V~7.2V Input Voltage
Fixed 1.5MHz Switching Frequency
Low Dropout Operating at 100% duty cycle
Low 25
µA Quiescent Current
Integrate Synchronous Rectifier
0.6V Low Reference Voltage
<0.5
µA Input Current during Shutdown
Current-Mode Operation with Internal
Compensation
- Stable with Ceramic Output Capacitors
- Fast Line Transient Response
Short-Circuit Protection
Over-Temperature Protection with Hysteresis
Available in TDFN2x2-8 Package
Lead Free and Green Devices Available
(RoHS Compliant)
The APW7290 is a high efficiency monolithic synchro-
nous buck regulator. APW7290 operates with a constant
1.5MHz switching frequency and using the inductor cur-
rent as a controlled quantity in the current mode
architecture. The 3.5V to 7.2V input voltage range makes
the APW7290 ideally suited for single Li-Ion battery pow-
ered applications. 100% duty cycle provides low dropout
operation, extending battery life in portable electrical
devices. The internally fixed 1.5MHz operating frequency
allows the use of small surface mount inductors and
capacitors. The synchronous switches included inside
increase the efficiency and eliminate the need for an ex-
ternal Schottky diode.
The APW7290 is available in TDFN2x2-8 package.
Applications
E-Book
Toy
Portable Instrument
Pin Configuration
TDFN2x2-8
(Top View)
1
6
5
4
3
2
8
7
LBO
VOUT
SW
FB
VIN
LBI
RUN
GND
Simplified Application Circuit
VIN
GND
LBI
1
FB
5
APW7290
SW
3
VIN
VOUT
L1
R2
2
R1
C1
C2
ON
OFF
RUN
4
VOUT
R3
Low Battery
Output
LBO
R4
R5
6
7
8


Similar Part No. - APW7290

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207 Datasheet
323Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7207A ANPEC-APW7207A Datasheet
392Kb / 18P
1MHz, High-Efficiency, Step-Up Converter for White LEDs
APW7207CTI-TRG ANPEC-APW7207CTI-TRG Datasheet
323Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7207CTI-TRG ANPEC-APW7207CTI-TRG Datasheet
392Kb / 18P
1MHz, High-Efficiency, Step-Up Converter for White LEDs
APW7207QBI-TRG ANPEC-APW7207QBI-TRG Datasheet
392Kb / 18P
1MHz, High-Efficiency, Step-Up Converter for White LEDs
More results

Similar Description - APW7290

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
1A / 1.5MHz Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7178A ANPEC-APW7178A Datasheet
266Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW8824 ANPEC-APW8824 Datasheet
518Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
1.5MHz, 1A Synchronous Buck Regulator
APW7507C ANPEC-APW7507C Datasheet
308Kb / 20P
1.5MHz, 1A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com