Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7290 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7290
Description  1.5MHz, 1A Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7290 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7290 Datasheet HTML 5Page - Anpec Electronics Coropration APW7290 Datasheet HTML 6Page - Anpec Electronics Coropration APW7290 Datasheet HTML 7Page - Anpec Electronics Coropration APW7290 Datasheet HTML 8Page - Anpec Electronics Coropration APW7290 Datasheet HTML 9Page - Anpec Electronics Coropration APW7290 Datasheet HTML 10Page - Anpec Electronics Coropration APW7290 Datasheet HTML 11Page - Anpec Electronics Coropration APW7290 Datasheet HTML 12Page - Anpec Electronics Coropration APW7290 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2013
www.anpec.com.tw
9
APW7290
Function Description
Main Control Loop
The APW7290 is a constant frequency, synchronous rec-
tifier and current-mode switching regulator. In normal
operation, the internal P-channel power MOSFET is
turned on each cycle. The peak inductor current at which
ICMP turn off the P-FET is controlled by the voltage on the
COMP node, which is the output of the error amplifier
(EAMP). An external resistive divider connected between
VOUT and ground allows the EAMP to receive an output
feedback voltage VFB at FB pin. When the load current
increases, it causes a slightly decrease in VFB relative to
the 0.6V reference, which in turn causes the COMP volt-
age to increase until the average inductor current matches
the new load current.
Under-Voltage Lockout
An under-voltage lockout function prevents the device from
operating if the input voltage on VIN is lower than approxi-
mately 3V (Typ.). The device automatically enters the shut-
down mode if the voltage on VIN drops below approxi-
mately 3V. This under-voltage lockout function is imple-
mented in order to prevent the malfunctioning of the
converter.
Soft-Start
The APW7290 has a built-in soft-start to control the out-
put voltage rise during start-up. During soft-start, an in-
ternal ramp voltage, connected to the one of the positive
inputs of the error amplifier, raises up to replace the ref-
erence voltage (0.6V typical) until the ramp voltage
reaches the reference voltage. Then the voltage on FB
regulated at reference voltage.
Enable/Shutdown
Driving RUN to ground places the APW7290 in shutdown
mode. When in shutdown, the internal power MOSFETs
turn off, all internal circuitry shuts down and the quies-
cent supply current reduces to 0.5
µA maximum.
Pulse Frequency Modulation Mode (PFM)
The APW7290 is a fixed frequency, peak current mode
PWM step-down converter. At light loads, the APW7290
will automatically enter in pulse frequency mode opera-
tion to reduce the dominant switching losses. In PFM
operation, the inductor current may reach zero or reverse
on each pulse. A zero current comparator turn off the N-
FET, forcing DCM operation at light load. These controls
get very low quiescent current, help to maintain high effi-
ciency over the complete load range.
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in constant fre-
quency architectures by preventing sub-harmonic oscil-
lations at high duty cycles. It is accomplished internally
by adding a compensating ramp to the inductor current
signal at duty cycles in excess of 40%. Normally, the re-
sult is in a reduction of maximum inductor peak current
for duty cycles > 40%. However, the APW7290 uses a
special scheme that counteracts this compensating
ramp, which allows the maximum inductor peak current
to remain unaffected throughout all duty cycles.
Adaptive Shoot-Through Protection
The gate driver incorporates adaptive shoot-through pro-
tection to high-side and low-side MOSFETs from con-
ducting simultaneously and shorting the input supply.
This is accomplished by ensuring the falling gate has
turned off one MOSFET before the other is allowed to
rise.
During turn-off the low-side MOSFET, the internal LGATE
voltage is monitored until it below 1.5V threshold, at which
time the UGATE is released to rise after a constant delay.
During turn-off the high-side MOSFET, the UGATE volt-
age is also monitored until it above 1.5V threshold, at
which time the LGATE is released to rise after a constant
delay.
Dropout Operation
As the input supply voltage decreases to a value ap-
proaching the output voltage, the duty cycle increases
toward the maximum on time. Further reduction of the
supply voltage forces the main switch to remain on for
more than one cycle until it reaches 100% duty cycle. The
output voltage will then be determined by the input volt-
age minus the voltage drop across the P-FET and the
inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com