Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7290 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7290
Description  1.5MHz, 1A Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7290 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7290 Datasheet HTML 1Page - Anpec Electronics Coropration APW7290 Datasheet HTML 2Page - Anpec Electronics Coropration APW7290 Datasheet HTML 3Page - Anpec Electronics Coropration APW7290 Datasheet HTML 4Page - Anpec Electronics Coropration APW7290 Datasheet HTML 5Page - Anpec Electronics Coropration APW7290 Datasheet HTML 6Page - Anpec Electronics Coropration APW7290 Datasheet HTML 7Page - Anpec Electronics Coropration APW7290 Datasheet HTML 8Page - Anpec Electronics Coropration APW7290 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2013
www.anpec.com.tw
4
APW7290
Electrical Characteristics
APW7290
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
PROTECTION
ILIM
Maximum Inductor Current Limit
IP-FET, 3.5V≦VIN≦7.2V
1.4
1.6
-
A
TOTP
Over-Temperature Protection
TJ Rising
-
150
-
Over-Temperature Protection
Hysteresis
TJ Falling
-
30
-
°C
START-UP AND SHUTDOWN
TSS
Soft-start Duration
(Note 4)
-
0.7
-
ms
RUN Input High Threshold
VIN = 3.5V~7.2V
-
-
1
V
RUN Input Low Threshold
VIN = 3.5V~7.2V
0.4
-
-
V
RUN Leakage Current
VRUN = 5V, VIN = 5V
-1
-
1
µA
VLBI
LBI Threshold
0.588
0.6
0.612
V
ILBI
LBI Input Current
VLBI=0.8V
-
1
50
nA
LBI Input Hysteresis
-
10
-
mV
VLBO
LBO Logic Low
VLBI=3.3V, ISINK=1mA
-
0.2
0.4
V
ILBO
LBO Off Leakage Current
VLBO=5.5V, VLBI=0V
-
0.07
1
µA
Unless otherwise specified, these specifications apply over V
IN=5V and TA= -40 ~ 85
oC. Typical values are at T
A=25
oC.
Note 4: Guarantee by design, not production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com