Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7290 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7290
Description  1.5MHz, 1A Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7290 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7290 Datasheet HTML 1Page - Anpec Electronics Coropration APW7290 Datasheet HTML 2Page - Anpec Electronics Coropration APW7290 Datasheet HTML 3Page - Anpec Electronics Coropration APW7290 Datasheet HTML 4Page - Anpec Electronics Coropration APW7290 Datasheet HTML 5Page - Anpec Electronics Coropration APW7290 Datasheet HTML 6Page - Anpec Electronics Coropration APW7290 Datasheet HTML 7Page - Anpec Electronics Coropration APW7290 Datasheet HTML 8Page - Anpec Electronics Coropration APW7290 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2013
www.anpec.com.tw
5
APW7290
Typical Operating Characteristics
Temperature vs. Feedback Voltage
0.58
0.585
0.59
0.595
0.6
0.605
0.61
0.615
0.62
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (
oC)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-40
-20
0
20
40
60
80
100 120 140
Temperature (
oC)
Temperature vs. Frequency
Io(mA)
0
100 200 300 400 500 600 700 800 900 1000
50.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
100.0
Io vs. Efficiency
Vo=3V,L=2.2uH,Cin=10u
F,Co=10uF
Vin=4V
Vin=5.5V
Vin=7V
60.0
55.0
0
5
10
15
20
25
30
35
40
3
3.5
4
4.5
5
5.5
6
6.5
7
Vin Input Voltage (V)
Vin Input Voltage vs. Quiescent
Current
0
0.2
0.4
0.6
0.8
1
3
3.5
4
4.5
5
5.5
6
6.5
7
Vin Input Voltage (V)
Vin Input Voltage vs. Shutdown
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com